Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics M34116 Datasheet HTML 10Page - STMicroelectronics M34116 Datasheet HTML 11Page - STMicroelectronics M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics M34116 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M34116 INSTRUCTION SET (continued)
INSTRUCTION 2: M34116 CHANNEL CONNECTION IN TRANSPARENT MODE
Four bytes are needed:
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
X
Al4
Al3
Al2
Al1
Al0
0
1
0
0
X
X
X
AO4
AO3
AO2
AO1
AO0
0
1
0
0
X
X
C5
C4
C3
C2
C1
C0
01
10
X
X
X
X
0
011
y Al4–Al0:
Al4 = 1
Al4 = 0
Al3–Al0
Input attenuationor gain (
±15dB)
gain
attenuation
value in dB (0–15)
y AO4–AO0:
AO4 = 1
AO4 = 0
AO3–AO0
output attenuation or gain (
±15dB)
gain
attenuation
value in dB (0–15)
y C5–C0: Channel number (0–63)
INSTRUCTION 3: M34116 CHANNEL DISCONNECTION
This instruction is necessary to disconnect a party from a conference, to end a transparent mode con-
nection or to end a tone generation.
Two bytes are needed (same format as M116):
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
C5
C4
C3
C2
C1
C0
0
1
1
0
XX
XX
1
1
1
1
# C5–C0: Channel number (0–63)
One time frame must exist between disconnection and connection of the same channel.
INSTRUCTION 4: M34116 OVERFLOW INFORMATION
Single byte instruction:
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
01
10
X
X
B1
B0
1
010
y B1–B0: Bank Selection (0–3)
Conference overflow information is sent out, after this instruction, in the data bus (D7–D0) when RD
goes low according to the Bank selection value:
Control Signal
Bank
Selection
Conference Number
CS
RD
C/D
WR
B1
B0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
007654321
X
0
0
0
1
0
1
15
14
13
12
11
10
9
8
0
0
0
1
1
0
23
22
21
20
19
18
17
16
0
0
0
1
1
1
X
X
29
28
27
26
25
24
M34116
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com