Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 2Page - STMicroelectronics M34116 Datasheet HTML 3Page - STMicroelectronics M34116 Datasheet HTML 4Page - STMicroelectronics M34116 Datasheet HTML 5Page - STMicroelectronics M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics M34116 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Signal
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CS
tSL (CS-WR)
tHL (CS-WR)
tSH (CS-WR)
tHH (CS-WR)
tSL (CS-RD)
tHL (CS-RD)
tSH (CS-RD)
tHH (CS-RD)
Low level set-up time
to WR falling edge.
Low Level hold time from
WR rising edge.
High level set-up time to
WR falling edge.
High level hold time from
WR rising edge.
Low level set-up time
to RD falling edge.
Low Level hold time from
RD rising edge.
High level set-up time to
RD falling edge.
High level hold time from
RD rising edge.
Active Case
Active Case
Inactive Case
Inactive Case
Active Case
Active Case
Inactive Case
Inactive Case
0
20
0
20
0
0
0
0
ns
ns
ns
ns
ns
ns
ns
ns
CD
tS(C/D-WR)
tH(C/D-WR)
tS(C/D-RD)
tH(C/D-RD)
Set-up time to write strobe
end.
Hold time from write
strobe end.
Set-up time to read strobe
start.
Hold time from read
strobe end.
130
25
20
25
ns
ns
ns
ns
OS
tPD(OS)
Propagation time from
rising edge of CK.
CL = 50pF
100
ns
EC
tPD(EC)
Propagation time referred
to CK edges.
CL = 50pF
30
ns
TD/TF
tS
tH
Set-up
Hold Time
80
40
ns
ns
D0 to D7
(interface
bus)
tS(BUS-WR)
tH(BUS-WR)
tPD(BUS)
tHZ(BUS)
Input set-up time to write
strobe end.
Input hold time from write
strobe end.
Propagation time from
(active) falling edge of
read strobe.
Propagation time from
(active) rising edge of
read strobe to high
impedance state.
CL = 200pF
130
25
120
80
ns
ns
ns
ns
A.C. TESTING, OUTPUT WAVEFORM
A.C. testing inputs are driven at 2.4V for a logic ”1” and 0.45V for a logic ”0”, timing
measurement are made at 2.0V for a logic ”1” and 0.8V for a logic ”0”.
M34116
6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com