Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 4 Page - STMicroelectronics

  M34116 Datasheet HTML 1Page - STMicroelectronics M34116 Datasheet HTML 2Page - STMicroelectronics M34116 Datasheet HTML 3Page - STMicroelectronics M34116 Datasheet HTML 4Page - STMicroelectronics M34116 Datasheet HTML 5Page - STMicroelectronics M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.75 to 5.25
V
Vi
Input Voltage
0 to 5.25
V
VO
Off State Output Voltage
0 to 5.25
V
CLOCK Freq.
Input Clock Frequency
3.072/3.088
4.096 / 8.192 (*)
MHz
MHz
SYNC Freq.
Input Synchronization Frequency
8
KHz
Top
Operating Temperature
0 to 70
°C
CAPACITANCES (measurements frequency = 1MHz; 0 to 70
°C; unused pins tied to VSS)
Symbol
Parameter
Pin (**)
Min.
Typ.
Max.
Unit
CI
Input Capacitance
1 to 3; 15 to 20; 22 to 23
5
pF
CI/O
I/O Capacitance
6 to 13
15
pF
CO
Output Capacitance
4, 5, 21
10
pF
ELECTRICAL CHARACTERISTICS (Tamb = 0 to 70
°C, VCC =5V ± 5%)
All DC characteristic are valid 250
µs after VCC and clock have been applied.
Symbol
Parameter
Pins (**)
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input Low Level
1 to 3
15 to 20
22 to 23
– 0.3
+0.8
V
VIH
Input High Level
1 to 3
15 to 20
22 to 23
2.0
VCC
V
VT–
Negative Threshold
Voltage
6 to 13 (***)
VCC = 5V
0.6
0.9
1.1
V
VT+
Positive Threshold
Voltage
6 to 13 (***)
VCC = 5V
1.5
1.7
2
V
VHY
Hysteresis
6 to 13 (***)
VCC = 5V
0.4
0.8
V
VOL
Output Low Level
4,6 to 13,21
IOL = 2mA
0.4
V
VOH
Output High Level
4 to 13, 21
IOH = 1mA
VCC-0.4
V
VOL
Output Low Level
5
IOL = 4.1mA
0.4
V
IIL
Input Leakage Current
1 to 3
6to 13
15 to 20
22 to 23
VIN = 0 to VCC
10
µA
IOL
Data Bus Leakage
Current
6to 13
VIN = 0 to VCC
CS = VCC
±10
µA
ICC
Supply Current
14
Clock Freq. = 4.096MHz
50
mA
(*) Only in M34116 Operating Mode.
(**) Pin numbers referred to the DIP24.
(***) Schimitt-trigger inputs.
M34116
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com