Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2870PCBA Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2870PCBA
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870PCBA Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2870PCBA Datasheet HTML 6Page - RF Micro Devices RF2870PCBA Datasheet HTML 7Page - RF Micro Devices RF2870PCBA Datasheet HTML 8Page - RF Micro Devices RF2870PCBA Datasheet HTML 9Page - RF Micro Devices RF2870PCBA Datasheet HTML 10Page - RF Micro Devices RF2870PCBA Datasheet HTML 11Page - RF Micro Devices RF2870PCBA Datasheet HTML 12Page - RF Micro Devices RF2870PCBA Datasheet HTML 13Page - RF Micro Devices RF2870PCBA Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
8-13
RF2870
Rev A8 030507
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is
3
µinch to 8µinch Gold over 180µinch Nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
0.50 (mm) Typ.
1.50 (mm)
Typ.
0.50 (mm) Typ.
Pin 16
A
A
A
A
C
B
B
B
B
A
A
A
A
B
B
B
B
A = 0.28 x 0.69 (mm) Typ.
B = 0.69 x 0.28 (mm) Typ.
C = 1.60 (mm) Sq.
Pin 1
Pin 8
Pin 12
0.60 (mm) Typ.
0.60 (mm) Typ.
0.75 (mm) Typ.
1.50 (mm)
Typ.
0.75 (mm)
Typ.
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com