Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2870PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2870PCBA
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2870PCBA Datasheet HTML 1Page - RF Micro Devices RF2870PCBA Datasheet HTML 2Page - RF Micro Devices RF2870PCBA Datasheet HTML 3Page - RF Micro Devices RF2870PCBA Datasheet HTML 4Page - RF Micro Devices RF2870PCBA Datasheet HTML 5Page - RF Micro Devices RF2870PCBA Datasheet HTML 6Page - RF Micro Devices RF2870PCBA Datasheet HTML 7Page - RF Micro Devices RF2870PCBA Datasheet HTML 8Page - RF Micro Devices RF2870PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8-5
RF2870
Rev A8 030507
Pin
Function
Description
Interface Schematic
1
IF OUT+
CDMA IF output. Open collector.
2IF OUT-
CDMA IF output. Open collector.
See pin 1.
3GND
4LO IN
LO single-end input. Matched to 50
Ω.
5VCC
External bypass capacitor may be required.
6LO OUT
LO output. Internal DC block. Drives 50
Ω.
7
TX BUFF
ENABLE
Logic input. High enables TX LO output buffer amplifiers.
8
ENABLE
Logic input. Low level powers down the IC.
9
LNA GAIN
Logic input. See Gain Control State table.
10
LNA IN
Cellular LNA input.
11
LNA
EMITTER
Cellular LNA emitter. A small inductor connects this pin to ground. Cel-
lular LNA gain can be adjusted by the inductance.
See pin 10.
12
LNA OUT
Cellular LNA output. Simple external L-C components required for
matching and VCC supply.
See pin 10.
13
MIX GAIN
Logic input. See Gain Control State table.
14
ISET2
An external resistor R2 connected to this pin sets the current of the
mixer. Decreasing resistance increases current.
15
ISET1
Sets internal voltage reference. External resistor required.
16
MIX IN
Cellular mixer RF single-end input. Matched to 50
Ω.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias.
CDMA+
CDMA-
LO IN
70
Ω
TX BUF
ENABLE
LNA GAIN
CELL LNA IN
V
CC
CELL LNA OUT
CELL LNA EMITTER
MIX GAIN
CELL MIX IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com