Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2870PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2870PCBA
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2870PCBA Datasheet HTML 1Page - RF Micro Devices RF2870PCBA Datasheet HTML 2Page - RF Micro Devices RF2870PCBA Datasheet HTML 3Page - RF Micro Devices RF2870PCBA Datasheet HTML 4Page - RF Micro Devices RF2870PCBA Datasheet HTML 5Page - RF Micro Devices RF2870PCBA Datasheet HTML 6Page - RF Micro Devices RF2870PCBA Datasheet HTML 7Page - RF Micro Devices RF2870PCBA Datasheet HTML 8Page - RF Micro Devices RF2870PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
16
15
14
13
11
12
9
10
5
6
7
8
2
1
4
3
IF OUT+
IF OUT-
GND
LO IN
LNA GAIN
LNA IN
LNA EMITTER
LNA OUT
RF2870
CDMA LOW NOISE AMPLIFIER/MIXER
900MHz DOWNCONVERTER
• CDMA Cellular Systems
• JCDMA Cellular Systems
• AMPS Cellular Systems
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2870 is a receiver front-end for CDMA cellular
applications. It is designed to amplify and downconvert
RF signals, while providing 28.5dB of stepped gain con-
trol range. Features include digital control of LNA gain,
mixer gain, and power down mode. Another feature of the
chip is adjustable IIP3 of the mixer using an off-chip cur-
rent setting resistor. Noise figure, IP3, and other specs
are designed to be compatible with the IS-98B interim
standard for CDMA cellular communications. The IC is
manufactured on an advanced Silicon Germanium Bi-
CMOS process and is assembled in a 3mmx3mm, 16-
pin, QFN package.
• 3mmx3mm LNA/Mixer Solution
• Adjustable Mixer Current/IIP3
• Meets IMD Tests with Three Gain
States/Two Logic Control Lines
• Integrated TX LO Buffer Amplifier
• All Pins ESD Protected
RF2870
CDMA Low Noise Amplifier/Mixer 900MHz Downcon-
verter
RF2870 PCBA
Fully Assembled Evaluation Board
0
Rev A8 030507
0.90
0.85
0.05 C
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
1.50 TYP
0.10 C A
2 PLCS
-A-
3.00
0.10 C B
2 PLCS
1.37 TYP
0.10 C A
2 PLCS
2.75 SQ
0.10 C B
2 PLCS
3.00
-B-
0.60
0.24
TYP
0.50
0.30
PIN 1 ID
R.20
0.50
1.65
1.35
SQ.
0.10
C AB
M
0.30
0.18
2
NOTES:
1. Shaded lead is pin 1.
Dimension applies to plated terminal: to be measured
between 0.20 mm and 0.25 mm from terminal end.
2
Dimensions in mm.
Package Style: QFN, 16-Pin, 3x3


Similar Part No. - RF2870PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
logo
RF Micro Devices
RF2878PCBA-D RFMD-RF2878PCBA-D Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878PCBA-D RFMD-RF2878PCBA-D Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2870PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com