Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2870PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2870PCBA
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870PCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2870PCBA Datasheet HTML 3Page - RF Micro Devices RF2870PCBA Datasheet HTML 4Page - RF Micro Devices RF2870PCBA Datasheet HTML 5Page - RF Micro Devices RF2870PCBA Datasheet HTML 6Page - RF Micro Devices RF2870PCBA Datasheet HTML 7Page - RF Micro Devices RF2870PCBA Datasheet HTML 8Page - RF Micro Devices RF2870PCBA Datasheet HTML 9Page - RF Micro Devices RF2870PCBA Datasheet HTML 10Page - RF Micro Devices RF2870PCBA Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
8-7
RF2870
Rev A8 030507
Application Schematic
Differential IF SAW Filter Topology
NOTES:
Differential IF tuning components are dependent on IF frequency board layout and board parasitics. Please consult
RFMD applications engineering for tuning assistance.
If any functional blocks are not being used, the unused pins can be left with no connection.
IF output matching component values are dependent on board layout, IF SAW filter and the IF frequency selected.
Please contact RFMD application engineering for assistance with IF output matching.
1. This resistor sets the mixer preamp and mixer currents. Lowering the resistance results in higher currents.
2. Sets internal bias voltage. Recommend 4.3k
Ω.
3. DC-blocking capacitor.
4. Determines trade-off between IIP3 and gain. Higher value inductor means lower gain and higher IIP3.
5. Cell LNA input matching for optimum IIP3. Low impedance path to ground at low frequency for optimum IIP3.
6. Mixer input matching.
7. For output matching and a DC supply bias choke.
8. Input or output matching.
9. Coupling of coils on the input, output and emitter of the LNA should be minimized to reduce the risk of oscillation. We
recommend separating the inductors and/or positioning them 90° relative to each other.
Layout Note:
To minimize losses and radiation, the RF signal traces should be as short as possible. The IF+ and IF- output traces
should be symmetrical. All bypass capacitors and matching capacitors must have a ground via very close to the capaci-
tor. Each capacitor should have its own ground via. All traces should be 50
Ω transmission lines. Position inductors to
reduce coupling. (See note 9.)
16
15
14
13
11
12
9
10
5
6
7
8
2
1
4
3
0.1
µF
4.3 k
Ω
6.8 k
Ω
3.0 pF
10 nH
100 pF
1.2 nH
33 nH
33 nF
LNA GAIN
ENABLE
TX BUF EN
3.9 nH
FL4
RF Saw
4
1
6
3
GND
GND
GND
GND
33 nF
2870310, Rev. 1
MIX GAIN
CELL LNA IN
2.2 nH
LO OUT
LO IN
1.2 pF
V
CC
V
CC
C1
R1
L1
L1
V
CC
C3
C2
C2
CDMA IF+
CDMA IF-
L2
IF Saw
4
5
9
10
Note 6
Note 3
Note 1
Note 2
Note 8
Note 8
Notes 7, 9
Notes 4, 9
Note 3
Notes 5, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com