Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4480-DFI Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4480-DFI
Description  ACT4480-DFI Dual Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4480-DFI Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4480-DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SCD4480-DFI Rev B 2/27/2013
3
Aeroflex Plainview
ELECTRICAL CHARACTERISTICS
– RECEIVER SECTION 1/ 2/
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Voltage Range
3/
Point A - A'
VIDR
-
-
20
VPEAK
Common Mode Rejection Ratio
3/
-
CMMR
45
-
-
dB
STROBE CHARACTERISTICS (Logic '0' Inhibits Output) (NOTE: If not used, a 1K pullup to 5V is recommended)
"0" Input Current
VS = 0.4V
IIL
-
- 0.2
- 0.4
mA
"1" Input Current
VS = 2.7V
IIH
-
1
+ 40
µA
"0" Input Voltage
-
VIL
-
-
0.7
V
"1" Input Voltage
-
VIH
2.0
-
-
V
Strobe Delay (turn-on or turn-off)
-
TSD(ON/OFF)
-
90
150
nS
THRESHOLD CHARACTERISTICS (Sinewave Input )
Internal Threshold Voltage, Point A-A'
Figure 5
1MHz
VTH
1.5
2.0
3.0
VP-P
OUTPUT CHARACTERISTICS, RX DATA AND RX DATA
"1" State
IOH = -0.4mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4mA
VOL
-
0.35
0.5
V
Delay, (average) from differential input zero
crossings to RX DATA and RX DATA output
6/
50% points
tDRX
-
300
450
nS
POWER SUPPLY CURRENT
VCC = +12V to +15V, VEE = -12V to -15V, VL = +5V
Duty Cycle
Condition
Symbol
Typ
Max
Unit
Transmitter Standby
Point A - A'
ZO = 175Ω,
VO = 21VP-P
ICC
IEE
IL
12
30
32
20
50
40
50%
Figure 5
ICC
IEE
IL
52
70
32
66
90
40
mA
100%
ICC
IEE
IL
95
112
32
120
130
40
Notes:
1. VCC = +15Volts ± 0.75V, VEE= -15Volts ± 0.75V, VIL = +5 Volts ± 0.5V, TC = -55°C to +125°C, unless otherwise specified.
2. All typical values are measured at +25°C.
3. Characteristics guaranteed by design, not production tested.
4. Power ON/OFF, measured 1MHz at Point A-A' Figure 4.
5. At point A-A' on Figure 4 or 5, 2.5µS after midpoint crossing of the parity bit of the last word.
6. This test is performed while the Transceiver is reading its own transmission. This condition is called "Wraparound". Standard TTL
loads applied to RX DATA Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com