Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4480-DFI Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4480-DFI
Description  ACT4480-DFI Dual Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4480-DFI Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4480-DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SCD4480-DFI
Standard Products
ACT4480-DFI Dual Transceiver
for H009 Specification
www.aeroflex.com/avionics
February 27, 2013
FEATURES
□
Dual transceiver meets McDonnell Douglas H009 data bus specifications
□
Operates with ±12V to ±15 and +5V power supplies
□
Monolithic construction using linear ASICs
□
Packaging
– Low profile ceramic
- 0.60''W x 0.80''L x 0.14''H
□
Designed for commercial, industrial and aerospace applications
□
Full MIL-PRF-38534 qualification pending
DESCRIPTION
The Aeroflex Plainview transceiver model ACT4480-DFI is a new generation monolithic transceiver which
provides compliance with H009 data bus requirements using three DC power supplies operation. The
dual channel ACT4480-DFI performs the front-end analog function of inputting and outputting data
through a transformer to a H009 data bus.
Design of these transceivers reflects particular attention to active filter performance. This results in low bit
and word error rate with superior waveform purity and minimal zero crossover distortion. The active filter
design provides the required H009 low harmonic distortion waveform without increasing the pulse delay
characteristics significantly. Efficient transmitter electrical and thermal design provides low internal power
dissipation and heat rise at high and well as low duty cycles. The receiver input threshold is set internally.
TRANSMITTER
The Transmitter section accepts complementary TTL data at the input, and when coupled to the data
bus with a 1:1 transformer, isolated on the transceiver side with two 34 Ohm bus terminating resistors, with
the bus terminated by a 175 Ohm resistor, the data bus signal produced is 20VP-P nominal at A-A' (See
Figure 5). When both DATA and DATA inputs are held low or high, the transmitter output remains a low
impedance and signal
is “removed” from the line. In addition, an overriding “INHIBIT" input returns the
output to a high impedance state. A logic
“1” applied to the “INHIBIT” takes priority over the condition of
the data inputs and disables the transmitter (See Transmitter Logic Waveforms - Figure 2).
The transmitter utilizes an active filter to suppress harmonics above 1MHz to meet H009 specifications.
The transmitter may be safely operated for an indefinite period at 100% duty cycle into a data bus short
circuit.
RECEIVER
The Receiver section accepts bi-phase differential data at the input and produces two TTL signals at the
output. The outputs are DATA and DATA, and represent positive and negative excursions of the input
beyond a pre-determined threshold (See Receiver Logic Waveforms - Figure 3).
The internal threshold is nominally set to detect data bus signals exceeding 2.0VP-P when used with a
1:1 turns ratio transformer (See Figure 5 for transformer data and typical connection).
A low level at the Strobe input inhibits the DATA and DATA outputs (Pin is internally pulled up).


Similar Part No. - ACT4480-DFI

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4487 AEROFLEX-ACT4487 Datasheet
94Kb / 7P
ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487-D AEROFLEX-ACT4487-D Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487-DF AEROFLEX-ACT4487-DF Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487-DFI AEROFLEX-ACT4487-DFI Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results

Similar Description - ACT4480-DFI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH245FU TOSHIBA-TC7WH245FU Datasheet
224Kb / 6P
DUAL BUS TRANSCEIVER
logo
Texas Instruments
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
Dual XAUI Transceiver
TLK1002A TI-TLK1002A Datasheet
618Kb / 16P
DUAL SIGNAL CONDITIONING TRANSCEIVER
logo
Source Photonics, Inc.
SP-DR-IR1-CDA SOURCE-SP-DR-IR1-CDA Datasheet
414Kb / 5P
Dual Rate SFP Transceiver
logo
Texas Instruments
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC7WH245FK TOSHIBA-TC7WH245FK_09 Datasheet
200Kb / 7P
Dual Bus Transceiver
logo
ATMEL Corporation
ATA6670 ATMEL-ATA6670_14 Datasheet
738Kb / 19P
Dual LIN Transceiver
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
Dual-Bit Dual-Supply Bus Transceiver
logo
Holt Integrated Circuit...
HI-1584 HOLTIC-HI-1584 Datasheet
74Kb / 10P
3.3V Monolithic Dual Transceiver
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
LIN Transceiver, Dual
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com