Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4480-DFI Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4480-DFI
Description  ACT4480-DFI Dual Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4480-DFI Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4480-DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SCD4480-DFI Rev B 2/27/2013
2
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages
± 18V
+ 7V
Logic Input Voltage
-0.3V to +5.5V
Receiver Differential Input
± 40V
Receiver Input Voltage (Common Mode)
± 10V
Driver Peak Output Current
15mA
Total Package Power Dissipation over the Full Operating
Case Temperature Range
3.6 Watts
Maximum Junction to Case Temperature (100% duty cycle)
18°C
Junction-Case, Thermal Resistance
5°C / W
1/
1/ It is recommended this hybrid be heat sunk to lower case temperature so the junction temperature never exceeds 135°C.
ELECTRICAL CHARACTERISTICS
– DRIVER SECTION 1/ 2/
INPUT CHARACTERISTICS, TX DATA IN OR TX DATA IN
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4V
IILD
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHD
-
1
40
µA
"0" Input Voltage
-
VILD
-
-
0.7
V
"1" Input Voltage
-
VIHD
2.0
-
-
V
INHIBIT CHARACTERISTICS
"0" Input Current
VIN = 0.4V
IILI
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHI
-
1.0
40
µA
"0" Input Voltage
-
VILI
-
-
0.7
V
"1" Input Voltage
-
VIHI
2
-
-
V
Delay from TX inhibit, (0
→1) to inhibited output
-
tDXOFF
-
200
500
nS
Delay from TX inhibit, (1
→0) to active output
-
tDXON
-
150
400
nS
Differential Output Noise, inhibit mode
-
VNOI
-
2
10
mVp-p
Differential Output Impedance (inhibited)
4/
ZOI
10K
-
-
Ω
OUTPUT CHARACTERISTICS
Differential output level (17
5Ω)
Point A - A'
VO
16
20
24
V p-p
Rise and Fall Times
(10% to 90% of p-p output)
-
tR & tF
200
260
300
nS
Output Offset, Figure 4
5/
Point A - A'
VOS
-
-
± 260
mV peak
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential signal
1/
-
tDTX
-
280
400
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com