Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4480-DFI Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT4480-DFI
Description  ACT4480-DFI Dual Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4480-DFI Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT4480-DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 10Page - Aeroflex Circuit Technology ACT4480-DFI Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SCD4480-DFI Rev A 2/6/2013
11
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications,
design, function, or form of its products described herein.
All parameters must be validated for each customer's
application by engineering. No liability is assumed as a
result of use of this product. No patent licenses are implied.
Our passion for performance is defined by three attributes
represented by these three icons:
Solution-minded, performance-driven and customer-focused.
CONFIGURATIONS AND ORDERING INFORMATION
Model No.
Screening
DESC SMD Receiver Data
level
Case
ACT4480-DFI-7
Commercial flow, +25°C testing only
N/A
Normally High
Flat
Pack
ACT4480-DFI
Military Temperature, -55°C to +125°C
Screened in accordance with the individual
Test Methods of MIL-STD-883 for Military Applications.
Pending
Normally High
Flat
Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com