Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023M
Description  Triple 3-Input NAND(NOR) Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4023M Datasheet HTML 1Page - National Semiconductor (TI) CD4023M Datasheet HTML 2Page - National Semiconductor (TI) CD4023M Datasheet HTML 3Page - National Semiconductor (TI) CD4023M Datasheet HTML 4Page - National Semiconductor (TI) CD4023M Datasheet HTML 5Page - National Semiconductor (TI) CD4023M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4023C CD4025C
Limits
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IL
Quiescent Device
VDD e 50V
005
0005
05
15
m
A
Current
VDD e 10V
50
0005
50
30
m
A
PD
Quiescent Device
VDD e 50V
25
0025
25
75
m
W
DissipationPackage
VDD e 10V
50
005
50
300
m
W
VOL
Output Voltage
VDD e 50V VI e VDD IO e 0A
001
0
001
005
V
Low Level
VDD e 10V VI e VDD IO e 0A
001
0
001
005
V
VOH
Output Voltage
VDD e 50V VI e VSS IO e 0A
499
499
50
495
V
High Level
VDD e 10V VI e VSS IO e 0A
999
999
10
995
V
II
Input Current
10
pA
VNL
Noise Immunity
VDD e 50V VO e 36V IO e 0A
15
15
225
14
V
(All Inputs)
VDD e 10V VO e 72V IO e 0A
30
30
45
29
V
VNH
Noise Immunity
VDD e 50V VO e 095V IO e 0A
14
15
225
15
V
(All Inputs)
VDD e 10V VO e 29V IO e 0A
29
30
45
30
V
IDN
Output Drive Current
VDD e 50V VO e 04V VI e VDD
035
03
10
024
mA
N-Channel (4025) (Note 2) VDD e 10V VO e 05V VI e VDD
072
06
25
048
mA
IDP
Output Drive Current
VDD e 50V VO e 25V VI e VSS b035
b
03
b
20
b
024
mA
P-Channel (4025) (Note 2) VDD e 10V VO e 95V VI e VSS
b
03
b
025 b10
b
02
mA
IDN
Output Drive Current
VDD e 50V VO e 04V VI e VDD
0145
012
05
0095
mA
N-Channel (4023) (Note 2) VDD e 10V VO e 05V VI e VDD
03
025
06
02
mA
IDP
Output Drive Current
VDD e 50V VO e 25V VI e VSS b0145
b
012 b05
b
0095
mA
P-Channel (4023) (Note 2) VDD e 10V VO e 95V VI e VSS
b
035
b
03
b
12
b
024
mA
II
Input Current
10
pA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
IDN and IDP are tested one output at a time
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com