Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023M
Description  Triple 3-Input NAND(NOR) Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4023M Datasheet HTML 1Page - National Semiconductor (TI) CD4023M Datasheet HTML 2Page - National Semiconductor (TI) CD4023M Datasheet HTML 3Page - National Semiconductor (TI) CD4023M Datasheet HTML 4Page - National Semiconductor (TI) CD4023M Datasheet HTML 5Page - National Semiconductor (TI) CD4023M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5955
February 1988
CD4023MCD4023C Triple 3-Input NAND Gate
CD4025MCD4025C Triple 3-Input NOR Gate
General Description
These triple gates are monolithic complementary MOS
(CMOS) integrated circuits constructed with N- and P-chan-
nel enhancement mode transistors All inputs are protected
against static discharge with diodes to VDD and VSS
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
5V – 10V parametric ratings
Y
Low power
Connection Diagrams
Dual-In-Line Packages
CD4023MCD4023C
TLF5955 – 1
Top View
CD4025MCD4025C
TLF5955 – 2
Top View
Order Number CD4023 or CD4025
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4023M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4023 NSC-CD4023 Datasheet
127Kb / 6P
Buffered Triple 3-Input NAND,NOR Gate
logo
Fairchild Semiconductor
CD4023 FAIRCHILD-CD4023 Datasheet
68Kb / 6P
Buffered Triple 3-Input NAND Gate
logo
Intersil Corporation
CD4023 INTERSIL-CD4023 Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
List of Unclassifed Man...
CD4023 ETC2-CD4023 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
CD4023A TI-CD4023A Datasheet
200Kb / 4P
CMOS NAND Gates
More results

Similar Description - CD4023M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4023BM NSC-CD4023BM Datasheet
127Kb / 6P
Buffered Triple 3-Input NAND,NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com