Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023M
Description  Triple 3-Input NAND(NOR) Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4023M Datasheet HTML 1Page - National Semiconductor (TI) CD4023M Datasheet HTML 2Page - National Semiconductor (TI) CD4023M Datasheet HTML 3Page - National Semiconductor (TI) CD4023M Datasheet HTML 4Page - National Semiconductor (TI) CD4023M Datasheet HTML 5Page - National Semiconductor (TI) CD4023M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 15 pF and input rise and fall times e 20 ns Typical
temperature coefficient for all values of VDD e 03% C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CD4025M
tPHL
Propagation Delay Time
VDD e 50V
35
50
ns
High to Low Level
VDD e 10V
25
40
ns
tPLH
Propagation Delay Time
VDD e 50V
35
40
ns
Low to High Level
VDD e 10V
25
70
ns
tTHL
Transition Time
VDD e 50V
65
125
ns
High to Low Level
VDD e 10V
35
70
ns
tTLH
Transition Time
VDD e 50V
65
175
ns
Low to High Level
VDD e 10V
35
75
ns
CI
Input Capacitance
Any Input
50
pF
CD4025C
tPHL
Propagation Delay Time
VDD e 50V
35
80
ns
High to Low Level
VDD e 10V
25
55
ns
tPLH
Propagation Delay Time
VDD e 50V
35
120
ns
Low to High Level
VDD e 10V
25
65
ns
tTHL
Transition Time
VDD e 50V
65
200
ns
High to Low Level
VDD e 10V
35
115
ns
tTLH
Transition Time
VDD e 50V
65
300
ns
Low to High Level
VDD e 10V
35
125
ns
CI
Input Capacitance
Any Input
50
pF
CD4023M
tPHL
Propagation Delay Time
VDD e 50V
50
75
ns
High to Low Level
VDD e 10V
25
40
ns
tPLH
Propagation Delay Time
VDD e 50V
50
75
ns
Low to High Level
VDD e 10V
25
40
ns
tTHL
Transition Time
VDD e 50V
75
125
ns
High to Low Level
VDD e 10V
50
75
ns
tTLH
Transition Time
VDD e 50V
75
100
ns
Low to High Level
VDD e 10V
40
60
ns
CI
Input Capacitance
Any Input
50
pF
CD4023C
tPHL
Propagation Delay Time
VDD e 50V
50
100
ns
High to Low Level
VDD e 10V
25
50
ns
tPLH
Propagation Delay Time
VDD e 50V
50
100
ns
Low to High Level
VDD e 10V
25
50
ns
tTHL
Transition Time
VDD e 50V
75
150
ns
High to Low Level
VDD e 10V
50
100
ns
tTLH
Transition Time
VDD e 50V
75
125
ns
Low to High Level
VDD e 10V
40
75
ns
CI
Input Capacitance
Any Input
50
pF
AC Parameters are guaranteed by DC correlated testing
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com