Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023M
Description  Triple 3-Input NAND(NOR) Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4023M Datasheet HTML 1Page - National Semiconductor (TI) CD4023M Datasheet HTML 2Page - National Semiconductor (TI) CD4023M Datasheet HTML 3Page - National Semiconductor (TI) CD4023M Datasheet HTML 4Page - National Semiconductor (TI) CD4023M Datasheet HTML 5Page - National Semiconductor (TI) CD4023M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSSb to VDD a03V
Operating Temperature Range
CD4023M CD4025M
b
55 Cto a125 C
CD4023C CD4025C
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VDD Range
VSS a30V to VSS a15V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics CD4023M CD4025M
Limits
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IL
Quiescent Device
VDD e 50V
005
0001 005
30
m
A
Current
VDD e 10V
01
0001
01
60
m
A
PD
Quiescent Device
VDD e 50V
025
0005 025
15
m
W
DissipationPackage
VDD e 10V
10
001
10
60
m
W
VOL
Output Voltage
VDD e 50V VI e VDD IO e 0A
005
0
005
005
V
Low Level
VDD e 10V VI e VDD IO e 0A
005
0
005
005
V
VOH
Output Voltage
VDD e 50V VI e VSS IO e 0A
495
495
50
495
V
High Level
VDD e 10V VI e VSS IO e 0A
995
995
10
995
V
VNL
Noise Immunity
VDD e 50V VO e 36V IO e 0A
15
15
225
14
V
(All Inputs)
VDD e 10V VO e 72V IO e 0A
30
30
45
29
V
VNH
Noise Immunity
VDD e 50V VO e 095V IO e 0A
14
15
225
15
V
(All Inputs)
VDD e 10V VO e 29V IO e 0A
29
30
45
30
V
IDN
Output Drive Current
VDD e 50V VO e 04V VI e VDD
05
040
10
028
mA
N-Channel (4025) (Note 2) VDD e 10V VO e 05V VI e VDD
11
09
25
065
mA
IDP
Output Drive Current
VDD e 50V VO e 25V VI e VSS b062
b
05
b
20
b
035
mA
P-Channel (4025) (Note 2) VDD e 10V VO e 95V VI e VSS
b
062
b
05
b
10
b
035
mA
IDN
Output Drive Current
VDD e 50V VO e 04V VI e VDD
031
025
05
0175
mA
N-Channel (4023) (Note 2) VDD e 10V VO e 05V VI e VDD
063
05
06
035
mA
IDP
Output Drive Current
VDD e 50V VO e 25V VI e VSS b031
b
025 b05
b
0175
mA
P-Channel (4023) (Note 2) VDD e 10V VO e 95V VI e VSS
b
075
b
06
b
12
b
04
mA
II
Input Current
10
pA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
IDN and IDP are tested one output at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com