Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4041UBC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4041UBC
Description  Quad True/Complement Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4041UBC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4041UBC Datasheet HTML 1Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 2Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 3Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 4Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 5Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temp (TL) (Soldering 10 sec)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDD
Operating Temperature Range (TA)
CD4041UB
b
55 Cto a125 C
CD4041UBC
b
40 Cto a85 C
DC Electrical Characteristics CD4041UBM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V
1
001
1
30
m
A
VDD e 10V
2
001
2
60
m
A
VDD e 15V
4
001
4
120
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
VDD e 5V VO e 05V or 45V
10
2
10
10
V
VDD e 10V VO e 1V or 9V
20
4
20
20
V
VDD e 15V VO e 15V or 135V
30
6
30
30
V
VIH
High Level Input Voltage
lIOl k 1mA
VDD e 5V VO e 05V or 45V
40
40
3
40
V
VDD e 10V VO e 1V or 9V
80
80
6
80
V
VDD e 15V VO e 15V or 135V
120
120
9
120
V
IOL
Low Level Output Current
VIL e 0V
True Output
VDD e 5V VO e 04V
21
16
32
12
mA
(Note 3)
VDD e 10V VO e 05V
625
50
10
35
mA
VDD e 15V VO e 15V
14
12
24
8
mA
IOL
Low Level Output Current
VIH e VDD
Complement Output
VDD e 5V VO e 04V
10
08
16
055
mA
(Note 3)
VDD e 10V VO e 05V
25
2
40
14
mA
VDD e 15V VO e 15V
55
45
90
30
mA
IOH
High Level Output Current VIH e VDD
True Output
VDD e 5V VO e 46V
b
175
b
14
b
28
b
10
mA
(Note 3)
VDD e 10V VO e 95V
b
50
b
4
b
80
b
28
mA
VDD e 15V VO e 135V
b
11
b
9
b
18
b
6mA
IOH
High Level Output Current VIL e 0V
Complement Output
VDD e 5V VO e 46V
b
075
b
06
b
12
b
04
mA
(Note 3)
VDD e 10V VO e 95V
b
225
b
18
b
36
b
125
mA
VDD e 15V VO e 135V
b
48
b
4
b
8
b
27
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5 b01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com