Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4041UBC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4041UBC
Description  Quad True/Complement Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4041UBC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4041UBC Datasheet HTML 1Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 2Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 3Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 4Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 5Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4041UBC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V
4
001
4
30
m
A
VDD e 10V
8
001
8
60
m
A
VDD e 15V
16
001
16
120
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
VDD e 5V VO e 05V or 45V
10
2
10
10
V
VDD e 10V VO e 1V or 9V
20
4
20
20
V
VDD e 15V VO e 15V or 135V
30
6
30
30
V
VIH
High Level Input Voltage
lIOl k 1mA
VDD e 5V VO e 05V or 45V
40
40
3
40
V
VDD e 10V VO e 1V or 9V
80
80
6
80
V
VDD e 15V VO e 15V or 135V
120
120
9
120
V
IOL
Low Level Output Current
VIL e 0V
True Output
VDD e 5V VO e 04V
17
15
32
12
mA
(Note 3)
VDD e 10V VO e 05V
49
43
10
35
mA
VDD e 15V VO e 15V
11
10
24
8
mA
IOL
Low Level Output Current
VIH e VDD
Complement Output
VDD e 5V VO e 04V
075
068
16
055
mA
(Note 3)
VDD e 10V VO e 05V
20
18
40
14
mA
VDD e 15V VO e 15V
44
38
90
30
mA
IOH
High Level Output Current VIH e VDD
True Output
VDD e 5V VO e 46V
b
15
b
13
b
28
b
10
mA
(Note 3)
VDD e 10V VO e 95V
b
40
b
35
b
80
b
28
mA
VDD e 15V VO e 135V
b
87
b
75
b
18
b
6mA
IOH
High Level Output Current VIL e 0V
Complement Output
VDD e 5V VO e 46V
b
057
b
050
b
12
b
04
mA
(Note 3)
VDD e 10V VO e 95V
b
18
b
16
b
36
b
125
mA
VDD e 15V VO e 135V
b
39
b
34
b
80
b
27
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5 b03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k Input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time
VDD e 5V
60
120
ns
True Output
VDD e 10V
35
70
ns
VDD e 15V
25
50
ns
tPHL tPLH
Propagation Delay Time
VDD e 5V
75
150
ns
Complement Output
VDD e 10V
40
80
ns
VDD e 15V
30
65
ns
tTHL tTLH
Output Transition Time
VDD e 5V
55
110
ns
True Output
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com