Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4041UBC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4041UBC
Description  Quad True/Complement Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4041UBC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4041UBC Datasheet HTML 1Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 2Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 3Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 4Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 5Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Continued)
TA e 25 C CL e 50 pF RL e 200k Input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTHL tTLH
Output Transition Time
VDD e 5V
90
180
ns
Complement Output
VDD e 10V
45
90
ns
VDD e 15V
35
75
ns
CIN
Input Capacitance
Any Input
10
15
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The tables of ‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual
device operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Switching Time Waveforms
TLF5965 – 3
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com