Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4041UBC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4041UBC
Description  Quad True/Complement Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4041UBC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4041UBC Datasheet HTML 1Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 2Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 3Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 4Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 5Page - National Semiconductor (TI) CD4041UBC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5965
February 1988
CD4041UBCD4041UBC
Quad TrueComplement Buffer
General Description
The CD4041UBCD4041UBC is a quad truecomplement
buffer consisting of N- and P-channel enhancement mode
transistors having low-channel resistance and high current
(sourcing and sinking) capability The CD4041 is intended
for use as a buffer line driver or CMOS-to-TTL driver
All inputs are protected from static discharge by diode
clamps to VDD and VSS
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
40% VDD (typ)
Y
True output
High current source and sink capability
8 mA (typ)
VO e 95V VDD e 10V
32 mA (typ)
VO e 04V VDD e 5V (two TTL loads)
Y
Complement output
Medium current source and sink capability
36 mA (typ)
VO e 95V VDD e 10V
16 mA (typ)
VO e 04V VDD e 5V
Connection and Schematic Diagrams
Dual-In-Line Package
TLF5965 – 1
Top View
Order Number CD4041UB
1 of 4 Identical Units
TLF5965 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4041UBC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UB TI-CD4041UB Datasheet
864Kb / 14P
CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UB TI-CD4041UB Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
CD4041UB TI1-CD4041UB Datasheet
872Kb / 14P
CMOS Quad True/Complement Buffer
CD4041UB TI2-CD4041UB Datasheet
919Kb / 19P
CMOS Quad True/Complement Buffer
Revised September 2003
More results

Similar Description - CD4041UBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4041B PHILIPS-HEF4041B Datasheet
31Kb / 4P
Quadruple true/complement buffer
January 1995
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
QUAD TRUE/COMPLEMENT BUFFER
Jun-1989
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
CMOS QUAD TRUE/COMPLEMENT BUFFER
logo
Intersil Corporation
CD4041UBMS INTERSIL-CD4041UBMS Datasheet
105Kb / 7P
CMOS Quad True/Complement Buffer
December 1992
CD4041BMS INTERSIL-CD4041BMS Datasheet
107Kb / 7P
CMOS Quad True/Complement Buffer
December 1992
logo
Micro Electronics
MMC4041 MICRO-ELECTRONICS-MMC4041 Datasheet
91Kb / 3P
QUAD TRUE / COMPLEMENT BUFFER
logo
STMicroelectronics
HCF4041UB STMICROELECTRONICS-HCF4041UB Datasheet
175Kb / 8P
QUAD TRUE/COMPLEMENT BUFFER
Sep-2001
logo
Texas Instruments
CD4041UB TI-CD4041UB_12 Datasheet
864Kb / 14P
CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UBF3A TI-CD4041UBF3A Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
CMOS Quad True/Complement Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com