Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4046BC
Description  Micropower Phase-Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4046BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4046BC Datasheet HTML 1Page - National Semiconductor (TI) CD4046BC Datasheet HTML 2Page - National Semiconductor (TI) CD4046BC Datasheet HTML 3Page - National Semiconductor (TI) CD4046BC Datasheet HTML 4Page - National Semiconductor (TI) CD4046BC Datasheet HTML 5Page - National Semiconductor (TI) CD4046BC Datasheet HTML 6Page - National Semiconductor (TI) CD4046BC Datasheet HTML 7Page - National Semiconductor (TI) CD4046BC Datasheet HTML 8Page - National Semiconductor (TI) CD4046BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AC Electrical Characteristics CD4046BMCD4046BC TA e 25 C CL e 50 pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO SECTION
IDD
Operating Current
fo e 10 kHz R1 e 1MX
R2 e % VCOIN e VDD 2
VDD e 5V
20
m
A
VDD e 10V
90
m
A
VDD e 15V
200
m
A
fMAX
Maximum Operating Frequency
C1 e 50 pF R1 e 10 kX
R2 e % VCOIN e VDD
VDD e 5V
04
08
MHz
VDD e 10V
06
12
MHz
VDD e 15V
10
16
MHz
Linearity
VCOIN e 25V g03V
R1 t 10 kX VDD e 5V
1
%
VCOIN e 5V g25V
R1 t 400 kX VDD e 10V
1
%
VCOIN e 75V g5V
R1 t 1MX VDD e 15V
1
%
Temperature-Frequency Stability
% C*1f VDD
No Frequency Offset fMIN e 0R2 e %
VDD e 5V
012 – 024
% C
VDD e 10V
004 – 008
% C
VDD e 15V
0015 – 003
% C
Frequency Offset fMIN i 0VDD e 5V
006 – 012
% C
VDD e 10V
005 – 01
% C
VDD e 15V
003 – 006
% C
VCOIN
Input Resistance
VDD e 5V
106
MX
VDD e 10V
106
MX
VDD e 15V
106
MX
VCO
Output Duty Cycle
VDD e 5V
50
%
VDD e 10V
50
%
VDD e 15V
50
%
tTHL
VCO Output Transition Time
VDD e 5V
90
200
ns
tTHL
VDD e 10V
50
100
ns
VDD e 15V
45
80
ns
AC Parameters are guaranteed by DC correlated testing
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com