Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4046BC
Description  Micropower Phase-Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4046BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4046BC Datasheet HTML 1Page - National Semiconductor (TI) CD4046BC Datasheet HTML 2Page - National Semiconductor (TI) CD4046BC Datasheet HTML 3Page - National Semiconductor (TI) CD4046BC Datasheet HTML 4Page - National Semiconductor (TI) CD4046BC Datasheet HTML 5Page - National Semiconductor (TI) CD4046BC Datasheet HTML 6Page - National Semiconductor (TI) CD4046BC Datasheet HTML 7Page - National Semiconductor (TI) CD4046BC Datasheet HTML 8Page - National Semiconductor (TI) CD4046BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLF5968
November 1995
CD4046BMCD4046BC Micropower Phase-Locked Loop
General Description
The CD4046B micropower phase-locked loop (PLL) con-
sists of a low power linear voltage-controlled oscillator
(VCO) a source follower a zener diode and two phase
comparators The two phase comparators have a common
signal input and a common comparator input The signal
input can be directly coupled for a large voltage signal or
capacitively coupled to the self-biasing amplifier at the sig-
nal input for a small voltage signal
Phase comparator I an exclusive OR gate provides a digital
error signal (phase comp I Out) and maintains 90 phase
shifts at the VCO center frequency Between signal input
and comparator input (both at 50% duty cycle) it may lock
onto the signal input frequencies that are close to harmon-
ics of the VCO center frequency
Phase comparator II is an edge-controlled digital memory
network It provides a digital error signal (phase comp II
Out) and lock-in signal (phase pulses) to indicate a locked
condition and maintains a 0 phase shift between signal in-
put and comparator input
The linear voltage-controlled oscillator (VCO) produces an
output signal (VCO Out) whose frequency is determined by
the voltage at the VCOIN input and the capacitor and resis-
tors connected to pin C1A C1B R1 and R2
The source follower output of the VCOIN (demodulator Out)
is used with an external resistor of 10 kX or more
The INHIBIT input when high disables the VCO and source
follower to minimize standby power consumption The zener
diode is provided for power supply regulation if necessary
Features
Y
Wide supply voltage range
30V to 18V
Y
Low dynamic
70 mW (typ) at
power consumption
fo e 10 kHz VDD e 5V
Y
VCO frequency
13 MHz (typ) at VDD e 10V
Y
Low frequency drift
006% CatVDD e 10V
with temperature
Y
High VCO linearity
1% (typ)
Applications
Y
FM demodulator and modulator
Y
Frequency synthesis and multiplication
Y
Frequency discrimination
Y
Data synchronization and conditioning
Y
Voltage-to-frequency conversion
Y
Tone decoding
Y
FSK modulation
Y
Motor speed control
Block
Connection Diagrams
TLF5968 – 1
FIGURE 1
Dual-In-Line Package
TLF5968 – 2
Top View
Order Number CD4046B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - CD4046BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
CD4046BCM FAIRCHILD-CD4046BCM Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
CD4046BCMX FAIRCHILD-CD4046BCMX Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
CD4046BCN FAIRCHILD-CD4046BCN Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
CD4046BCNX FAIRCHILD-CD4046BCNX Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
More results

Similar Description - CD4046BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
CMOS Micropower Phase Locked Loop
December 1992
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com