Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046BC Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4046BC
Description  Micropower Phase-Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4046BC Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CD4046BC Datasheet HTML 6Page - National Semiconductor (TI) CD4046BC Datasheet HTML 7Page - National Semiconductor (TI) CD4046BC Datasheet HTML 8Page - National Semiconductor (TI) CD4046BC Datasheet HTML 9Page - National Semiconductor (TI) CD4046BC Datasheet HTML 10Page - National Semiconductor (TI) CD4046BC Datasheet HTML 11Page - National Semiconductor (TI) CD4046BC Datasheet HTML 12Page - National Semiconductor (TI) CD4046BC Datasheet HTML 13Page - National Semiconductor (TI) CD4046BC Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Design Information
This information is a guide for approximating the value of
external components for the CD4046B in a phase-locked-
loop system The selected external components must be
within the following ranges R1 R2 t 10 kX RS t 10 kX
C1 t 50 pF
In addition to the given design information refer to
Figure 5
for R1 R2 and C1 component selections
Using Phase Comparator I
Using Phase Comparator II
Characteristics
VCO Without Offset
VCO With Offset
VCO Without Offset
VCO With Offset
R2 e %
R2 e %
VCO Frequency
For No Signal Input
VCO in PLL system will adjust
VCO in PLL system will adjust to
to center frequency fo
lowest operating frequency fmin
Frequency Lock
2 fL e full VCO frequency range
Range 2 fL
2fL e fmax b fmin
Frequency Capture
Range 2 fC
2fC
1
q
02
q fL
u1
Loop Filter
fC e fL
Component
Selection
For 2 fC see Ref
Phase Angle Between
90 at center frequency (fo) approximating
Always 0 in lock
Single and Comparator
0 and 180 at ends of lock range (2 fL)
Locks on Harmonics
Yes
No
of Center Frequency
Signal Input Noise
High
Low
Rejection
VCO Component
Given fo
Given fo and fL
Given fmax
Given fmin and fmax
Selection
Use fo with
Calculate fmin
Calculate fo from
Use fmin with
Figure 5a to
from the equation
the equation
Figure 5b to
determine R1
determine R2 and C1
fmin e fo b fL
and C1
fo e
fmax
2
Use fmin with Figure 5b
Calculate
fmax
fmin
to determine R2 and C1
Use fo with Figure 5a to
determine R1 and C1
Use
fmax
fmin
with
Figure 5c
Calculate
fmax
fmin
to determine ratio
from the equation
R2R1 to obtain R1
fmax
fmin
e
fo a fL
fo b fL
Use
fmax
fmin
with
Figure 5c
to determine ratio R2
R1 to obtain R1
TLF5968 – 7
TLF5968 – 9
TLF5968 – 10
TLF5968 – 8
TLF5968 – 11
TLF5968 – 12
References
GS Moschytz ‘‘Miniaturized RC Filters Using Phase-Locked Loop’’ BSTJ May 1965
Floyd Gardner ‘‘Phaselock Techniques’’ John Wiley
Sons 1966
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com