Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046BC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4046BC
Description  Micropower Phase-Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4046BC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CD4046BC Datasheet HTML 1Page - National Semiconductor (TI) CD4046BC Datasheet HTML 2Page - National Semiconductor (TI) CD4046BC Datasheet HTML 3Page - National Semiconductor (TI) CD4046BC Datasheet HTML 4Page - National Semiconductor (TI) CD4046BC Datasheet HTML 5Page - National Semiconductor (TI) CD4046BC Datasheet HTML 6Page - National Semiconductor (TI) CD4046BC Datasheet HTML 7Page - National Semiconductor (TI) CD4046BC Datasheet HTML 8Page - National Semiconductor (TI) CD4046BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AC Electrical Characteristics CD4046BMCD4046BC TA e 25 C CL e 50 pF (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PHASE COMPARATORS SECTION
RIN
Input Resistance
Signal Input
VDD e 5V
1
3
MX
VDD e 10V
02
07
MX
VDD e 15V
01
03
MX
Comparator Input
VDD e 5V
106
MX
VDD e 10V
106
MX
VDD e 15V
106
MX
AC-Coupled Signal Input Voltage
CSERIES e 1000 pF
Sensitivity
f e 50 kHz
VDD e 5V
200
400
mV
VDD e 10V
400
800
mV
VDD e 15V
700
1400
mV
DEMODULATOR OUTPUT
VCOINb
Offset Voltage
RS t 10 kX VDD e 5V
150
22
V
VDEM
RS t 10 kX VDD e 10V
150
22
V
RS t 50 kX VDD e 15V
150
22
V
Linearity
RS t 50 kX
VCOIN e 25V g03V VDD e 5V
01
%
VCOIN e 5V g25V VDD e 10V
06
%
VCOIN e 75V g5V VDD e 15V
08
%
ZENER DIODE
VZ
Zener Diode Voltage
IZ e 50 mA
63
70
77
V
RZ
Zener Dynamic Resistance
IZ e 1 mA
100
X
AC Parameters are guaranteed by DC correlated testing
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com