Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4503BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4503BC
Description  Hex Non-Inverting TRI-STATE Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4503BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4503BC Datasheet HTML 1Page - National Semiconductor (TI) CD4503BC Datasheet HTML 2Page - National Semiconductor (TI) CD4503BC Datasheet HTML 3Page - National Semiconductor (TI) CD4503BC Datasheet HTML 4Page - National Semiconductor (TI) CD4503BC Datasheet HTML 5Page - National Semiconductor (TI) CD4503BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4503BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
4
4
30
m
A
Current
VIN e VDD or VSS
VDD e 10V
8
8
60
m
A
VIN e VDD or VSS
VDD e 15V
16
16
120
m
A
VIN e VDD or VSS
VOL
Low Level
VIN e VDD or 0
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIN e VDD or 0
Output Voltage
VDD e 5V
495
495
495
V
VDD e 10V
995
995
995
V
VDD e 15V
1495
1495
1495
V
VIL
Low Level
VDD e 5V
15
225
15
15
V
Input Voltage
VO e 45V or 05V
VDD e 10V
30
450
30
30
V
VO e 90V or 10V
VDD e 15V
40
675
40
40
V
VO e 135V or 15V
VIH
High Level
VDD e 5V
35
35
275
35
V
Input Voltage
VO e 05V or 45V
VDD e 10V
70
70
55
70
V
VO e 10V or 90V
VDD e 15V
110
110
825
110
V
VO e 15V or 135V
IOL
Low Level Output
VDD e 45V VOL e 04V
230
195
265
160
mA
Current (Note 3)
VDD e 50V VOL e 04V
25
210
275
175
mA
VDD e 10V VOL e 05V
65
545
70
445
mA
VDD e 15V VOL e 15V
1650
1380
2500
1130
mA
IOH
High Level Output
VDD e 5V VOH e 46V
b
104
b
088
b
176
b
07
mA
Current (Note 3)
VDD e 10V VOH e 95V
b
260
b
22
b
450
b
18
mA
VDD e 15V VOH e 135V
b
72
b
60
b
176
b
48
mA
ITL
TRI-STATE Leakage Current VDD e 15V
g
03
g
10b4
g
03
g
10
m
A
IIN
Input Current
VDD e 15V
g
03
g
10b5
g
03
g
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com