Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4503BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4503BC
Description  Hex Non-Inverting TRI-STATE Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4503BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4503BC Datasheet HTML 1Page - National Semiconductor (TI) CD4503BC Datasheet HTML 2Page - National Semiconductor (TI) CD4503BC Datasheet HTML 3Page - National Semiconductor (TI) CD4503BC Datasheet HTML 4Page - National Semiconductor (TI) CD4503BC Datasheet HTML 5Page - National Semiconductor (TI) CD4503BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics CD4503B
TA e 25 C CL e 50 pF RL e 200 kX Input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time
VDD e 5V
75
100
ns
VDD e 10V
35
40
ns
VDD e 15V
25
30
ns
tPLZ tPHZ
Propagation Delay Time
VDD e 5V
80
125
ns
Logical Level to High
VDD e 10V
40
90
ns
Impedance State
VDD e 15V
35
70
ns
tPZL tPZH
Propagation Delay Time
VDD e 5V
95
175
ns
High Impedance State to
VDD e 10V
40
80
ns
Logical Level
VDD e 15V
35
70
ns
tTLH
Output Rise Time
VDD e 5V
45
80
ns
VDD e 10V
23
40
ns
VDD e 15V
18
35
ns
tTHL
Output Fall Time
VDD e 5V
45
80
ns
VDD e 10V
23
40
ns
VDD e 15V
18
35
ns
AC Parameters are guaranteed by DC correlated testing
AC Test Circuits and Switching Time Waveforms
tPHL tPLH
TLF5989 – 3
CMOS to CMOS
TLF5989 – 4
tPHZ and tPZH
TLF5989 – 5
tPLZ and tPZL
TLF5989 – 6
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com