Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4503BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4503BC
Description  Hex Non-Inverting TRI-STATE Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4503BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4503BC Datasheet HTML 1Page - National Semiconductor (TI) CD4503BC Datasheet HTML 2Page - National Semiconductor (TI) CD4503BC Datasheet HTML 3Page - National Semiconductor (TI) CD4503BC Datasheet HTML 4Page - National Semiconductor (TI) CD4503BC Datasheet HTML 5Page - National Semiconductor (TI) CD4503BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
a
3V to a15V
Operating Temperature Range (TA)
CD4503BM
b
55 Cto a125 C
CD4503BC
b
40 Cto a85 C
DC Electrical Characteristics CD4503BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
1
1
30
m
A
Current
VIN e VDD or VSS
VDD e 10V
2
2
60
m
A
VIN e VDD or VSS
VDD e 15V
4
4
120
m
A
VIN e VDD or VSS
VOL
Low Level
VIN e VDD or 0
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIN e VDD or 0
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V
15
225
15
15
V
Input Voltage
VO e 45V or 05V
VDD e 10V
30
450
30
30
V
VO e 90V or 10V
VDD e 15V
40
675
40
40
V
VO e 135V or 15V
VIH
High Level
VDD e 5V
35
35
275
35
V
Input Voltage
VO e 05V or 45V
VDD e 10V
70
70
55
70
V
VO e 10V or 90V
VDD e 15V
110
110
825
110
V
VO e 15V or 135V
IOL
Low Level Output
VDD e 45V VOL e 04V
280
230
255
160
mA
Current (Note 3)
VDD e 50V VOL e 04V
300
240
275
175
mA
VDD e 10V VOL e 05V
785
635
700
445
mA
VDD e 15V VOL e 15V
1995
1610
2500
1130
mA
IOH
High Level Output
VDD e 5V VOH e 46V
b
128
b
102
b
176
b
072
mA
Current (Note 3)
VDD e 10V VOH e 95V
b
320
b
260
b
45
b
18
mA
VDD e 15V VOH e 135V b820
b
680
b
176
b
48
mA
IOZ
TRI-STATE Leakage Current VDD e 15V
g
01
g
10b4 g01
g
10
m
A
IIN
Input Current
VDD e 15V
g
01
g
10b4 g01
g
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com