Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4503BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4503BC
Description  Hex Non-Inverting TRI-STATE Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4503BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4503BC Datasheet HTML 1Page - National Semiconductor (TI) CD4503BC Datasheet HTML 2Page - National Semiconductor (TI) CD4503BC Datasheet HTML 3Page - National Semiconductor (TI) CD4503BC Datasheet HTML 4Page - National Semiconductor (TI) CD4503BC Datasheet HTML 5Page - National Semiconductor (TI) CD4503BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5989
October 1993
CD4503BMCD4503BC Hex
Non-Inverting TRI-STATE
Buffer
General Description
The CD4503B is a hex non-inverting TRI-STATE buffer with
high output current sink and source capability TRI-STATE
outputs make it useful in bus-oriented applications Two
separate disable inputs are provided Buffers 1 through 4
are controlled by the disable 4 input Buffers 5 and 6 are
controlled by the disable 2 input A high level on either dis-
able input will cause those gates on its control line to go into
a high impedance state
Features
Y
Wide supply voltage range
30 VDC to 18 VDC
Y
TRI-STATE outputs
Y
Symmetrical turn onturn off delays
Y
Symmetrical output rise and fall times
Y
Pin-for-pin replacement for MM80C97 and MC14503
Schematic and Connection Diagrams
TLF5989 – 1
Dual-In-Line Package
TLF5989 – 2
Top View
Order Number CD4503B
Truth Table
In
Disable
Out
Input
00
0
10
1
X
1
TRI-STATE
X e Don’t Care
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4503BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
CD4503BCM FAIRCHILD-CD4503BCM Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
CD4503BCN FAIRCHILD-CD4503BCN Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
CD4503BCSJ FAIRCHILD-CD4503BCSJ Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
More results

Similar Description - CD4503BC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
3-state hex non-inverting buffer
January 1995
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
logo
National Semiconductor ...
DM54LS366A NSC-DM54LS366A Datasheet
139Kb / 6P
Hex TRI-STATE Inverting Buffer
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
National Semiconductor ...
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
HEX NON-INVERTING 3-STATE BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com