Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.18 LED Thermal Fault
The NTC flag (bit [5] of the Flags Register) reads back a 1 if the LM3554 is active in flash or torch mode, the
device is in NTC mode, and the voltage at LEDI/NTC has fallen below VTRIP (1.05 V typical). When this has
happened and the LM3554 has been forced into torch or LED shutdown (depending on the state of Configuration
Register 2 bit [1], the Flags Register must be read in order to place the device back in normal operation. (See
Thermal Comparator Mode (NTC) for more details.)
7.3.19 Input Voltage Monitor Fault
The VIN Monitor Flag (bit [6] of the Flag Register) reads back a 1 when the Input Voltage Monitor is enabled and
VIN falls below the programmed VIN Monitor threshold. This flag must be read back in order to resume normal
operation after the LED current has been forced to Torch mode or turned off due to a VIN Monitor event.
7.3.20 TX1 And TX2 Interrupt Flags
The TX1 and TX2 interrupt flags (bits [3] and [4]) indicate a TX event on the TX1/TORCH and ENVM/TX2 pins.
Bit 3 is read back a 1 if TX1/TORCH is in TX1 mode and the pin has changed from low to high since the last
read of the Flags Register. Bit 4 reads back a 1 if ENVM/TX2 is in TX2 mode and the pin has had a TX event
since the last read of the Flags Register. A read of the Flags Register automatically resets these bits.
The ENVM/TX2/GPIO2 pin, when configured in TX2 mode, has a TX event that can be either a high-to-low
transition or a low-to-high transition depending on the setting of the TX2 polarity bit (see Table 6).
7.3.21 Light Load Disable
Configuration Register 1 bit [0] = 1 disables the light load comparator. With this bit set to 0 (default) the light load
comparator is enabled. Light load mode only applies when the LM3554 is active in voltage-output mode. In LED
mode the light load comparator is always disabled. When the light load comparator is disabled the LM3554
operates at a constant frequency down to ILOAD = 0. Disabling light load can be useful when a more predictable
switching frequency across the entire load current range is desired.
7.4 Device Functional Modes
7.4.1 Flash Mode
In flash mode the LED current sources (LED1 and LED2) each provide 16 different current levels from typically
34 mA to approximately 600 mA. The flash currents are set by writing to bits [6:3] of the Flash Brightness
Resister. Flash mode is activated by either writing a (1, 1) to bits [1:0] of the Torch Brightness Register, writing a
(1, 1) to bit [1:0] of the Flash Brightness Register, or by pulling the STROBE pin high. Once the Flash sequence
is activated, both current sinks (LED1 and LED2) ramps up to the programmed Flash current by stepping through
all Flash levels (16 µs/step) until the programmed current is reached.
7.4.2 Pass Mode
Once the output voltage charges up to VIN – 150 mV the the device operates either in pass mode or boost mode.
If the voltage difference between VOUT and VLED is less than 300 mV, the device transitions in boost mode. If the
difference between VOUT and VLED is greater than 300 mV, the device operates in pass mode. In pass mode the
boost converter stops switching, and the synchronous PFET turns fully on bringing VOUT up to VIN – IIN × RPMOS
(RPMOS = 150 mΩ). In pass mode the inductor current is not limited by the peak current limit. In this situation the
output current must be limited to 2.5A.
7.4.3 Voltage-Output Mode
Bit 2 (VM) of the Torch Brightness Register, bit 2 (VM) of the Flash Brightness Register, or the ENVM input
enables or disables the voltage-output mode. In voltage-output mode the device operates as a simple boost
converter with two selectable voltage levels (4.5 V and 5 V). Write a 1 to bit 1 (OV) of Configuration Register 1 to
set VOUT to 5 V. Write a 0 to this bit to set VOUT to 4.5 V. In voltage-output mode the LED current sources can
continue to operate; however, the difference between VOUT and VLED is dropped across the current sources. (See
Maximum Output Power.) In voltage-output mode when VIN is greater than VOUT the LM3554 device operates in
pass mode (see Pass Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com