Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
t4
t2
t3
t5
t1
SCL
SDA_IN
SDA_OUT
6
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, typical limits are for TA = 25°C, minimum and maximum limits in apply over the full operating
ambient temperature range (–30°C
≤ TA ≤ +85°C), VIN = 3.6 V, and VHWEN = VIN.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN_TH
VIN monitor trip
threshold
VIN falling, VIN monitor register = 0x01
(enabled with VIN_TH = 3.1 V)
2.95
3.09
3.23
V
TX1/TORCH/GPIO1, STROBE, HWEN, ENVM/TX2/GPIO2 VOLTAGE
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.2
VIN
V
VOL
Output logic low
ILOAD = 3 mA, 2.7 V ≤ VIN ≤ 5.5 V
400
mV
RTX1/TORC
H
Internal pulldown
resistance at
TX1/TORCH
300
k
Ω
RSTROBE
Internal pulldown
resistance at
STROBE
300
k
Ω
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.22
VIN
V
VOL
Output logic low
(SCL)
ILOAD = 3 mA, 2.7 V ≤ VIN ≤ 5.5 V
400
mV
6.6 Timing Requirements
See Figure 1.
MIN
NOM
MAX
UNIT
1 / t1
SCL clock frequency
400
kHz
t2
Data in setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low setup time to SCL low (start)
160
ns
t5
SDA high hold time after SCL high (stop)
160
ns
Figure 1. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com