Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments LM3554 Datasheet HTML 11Page - Texas Instruments LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
VREF
PWM
Control
2 MHz
Oscillator
Thermal
Shutdown
+150
oC
IN
VREF
I
2C
Interface
Error
Amplifier
Current
Sense/Current
Limit
Slope
Compensation
SDA
SCL
Control
Logic/
Soft-Start
GND
OUT
LED1
LED2
LEDI/
NTC
ENVM/TX2/
GPIO2
STROBE
TX1/TORCH/
GPIO1
HWEN
SW
Reference
Mode
Select
Feedback
Mode
Select
Max
VLED
ISET
VREF
150 m
150 m:
Over Voltage
Comparator
VTRIP
ILEDI
ILED2
ILED1
13
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Start-Up
The device is turned on through bits [2:0] of the Torch Brightness Register (0xA0), bits [2:0] of the Flash
Brightness Register (0xB0), the ENVM input, or the STROBE input. Bits [1:0] of the Torch Brightness Register or
Flash Brightness Register enables/disables the current sources (LED1, LED2, and LEDI). Bit [2] enables/disables
the voltage-output mode. A logic high at STROBE enables flash mode. A logic high on the ENVM input forces
the LM3554 into voltage-output mode.
On start-up, when VOUT is less than VIN the internal synchronous PFET turns on as a current source and delivers
typically 350 mA to the output capacitor. During this time all current sources (LED1, LED2, and LEDI) are off.
When the voltage across the output capacitor reaches 2.2 V, the current sources can turn on. At turnon the
current sources step through each flash or torch level until the target LED current is reached (16 µs/step). This
gives the device a controlled turnon and limits inrush current from the VIN supply.
7.3.2 Overvoltage Protection
The output voltage is limited to typically 5.6 V (5.7 V maximum). In situations such as the current source open,
the LM3554 raises the output voltage in order to keep the LED current at its target value. When VOUT reaches 5.6
V the overvoltage comparator trips and turns off both the internal NFET and PFET. When VOUT falls below 5.4 V
(typical), the LM3554 begins switching again.
7.3.3 Current Limit
The LM3554 features four selectable current limits: 1 A, 1.5 A, 2 A, and 2.5 A. These are selectable through the
I2C-compatible interface via bits 5 (CL0) and 6 (CL1) of the Flash Duration Register. When the current limit is
reached, the LM3554 device stops switching for the remainder of the switching cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com