Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments LM3554 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
2
LED
1
LED
LED
I
+
I
=
I
LOAD =
I
IND
LED
I
+
I
OUT +
I
x ILED
I
x
IND
)
- V
IND
(
+ VOUT
R
x
PFET
I
x
2
LOAD
¹
·
©
§
=
P
DISS
©
§
V
2
IN
) x
- V
IN
(V
OUT
V
OUT
+
R
x
NFET
I
x
2
LOAD
¹
·
VOUT
V
IN
)
- V
LED
(V
OUT
+
IND
2
LED
1
LED
P
N
DISS
P
+
P
+
P
+
P
+
P
=
P
Maximum Output Current vs Efficiency
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
VIN = 3.6V, VOUT = 4V
VIN = 3V, VOUT = 4V
VIN = 3.6V, VOUT = 5V
VIN = 2.5V, VOUT = 4V
VIN = 3V, VOUT = 5V
VIN = 2.5V, VOUT = 5V
Efficiency (P
OUT /PIN )
(IPEAK = 2.5A)
34
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 44. LM3554 Maximum Output Current
8.2.2.7 Maximum Output Power
Output power is limited by three things: the peak current limit, the ambient temperature, and the maximum power
dissipation in the package. If the LM3554’s die temperature is below the absolute maximum rating of 125°C, the
maximum output power can be over 6 W. However, any appreciable output current causes the internal power
dissipation to increase and therefore increase the die temperature. This can be additionally compounded if the
LED current sources are operating while the device is in voltage-output mode because the difference between
VOUT and VLED is dropped across the current sources. Any circuit configuration must ensure that the die
temperature remains below 125°C taking into account the ambient temperature derating.
8.2.2.7.1
Voltage-Output Mode
In voltage-output mode the total power dissipated in the LM3554 can be approximated as:
where
•
PN is the power lost in the NFET
•
PP is the PFET power loss
•
PLED1, PLED2, and PIND are the losses across the current sink
(10)
An approximate calculation of these losses gives:
(11)
Equation 11 consider the average current through the NFET and PFET. The actual power losses are higher due
to the RMS currents and the quiescent power into IN. These, however, can give a decent approximation.
8.2.2.7.2
LED Boost Mode
In LED mode with VOUT > VIN the device boost converter switches and make VOUT = VLED + 0.3 V. In this situation
the total power dissipated in the LM3554 is approximated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com