Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 14Page - Texas Instruments LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments LP5520 Datasheet HTML 20Page - Texas Instruments LP5520 Datasheet HTML 21Page - Texas Instruments LP5520 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
If register value is lower than 5, then value of 5 is used internally. If register value is higher than 20, then value of
20 is used internally.
7.3.3.2 Adaptive Output Voltage Control
When automatic boost voltage control is selected using the <vout_auto> bit in the Control (06H) register, the
user-defined boost output voltage is ignored. The boost output voltage is adjusted for sufficient operating
headroom by monitoring all enabled LED driver outputs. The boosted voltage is adjusted so that the lowest driver
voltage is from 0.85 V to 1.35 V when the LED output currents are below 30 mA and from 1 V to 1.5V when any
LED current is above 30 mA. The output voltage range is from 5 V to 20 V in adaptive mode.
The adaptive voltage control helps saving energy by always setting the boost voltage to minimum sufficient
value. It eliminates the need for extra voltage margins due to LED forward voltage variation or temperature
variation. With very small brightness settings, when the PWM pulses in LED outputs are very narrow, the
adaptive voltage setting gives higher than necessary boost voltage. This does not harm the overall efficiency,
because this happens only at low power levels.
After reset the adaptive control is on by default. In stand-alone mode the adaptive output voltage is always used.
7.4 Device Functional Modes
The LP5520 has three different operating modes: manual mode, automatic mode, and stand-alone mode.
Automatic mode has two sub modes: normal mode and sequential mode. In manual and automatic modes the
device is controlled through the serial interface. In stand-alone mode only BRC input must be controlled, and all
registers have the default values. The modes are controlled according Table 8.
Table 8. Device Operating Modes Control
<RGB_auto>
(RBG control bit 3)
<seq_mode[0:1]>
(RBG control bits 6 and 7)
DEVICE OPERATING MODE
0
00
Manual mode
1
00
Automatic mode, normal operation (overlapping)
1
01, 10, or 11
Automatic mode, sequential operation with 2, 3, or 4 pulses per sequence
7.4.1 Manual Mode
In the manual mode the automatic LED intensity adjustment is not in use. The internal PWM control is disabled,
and the LEDs are driven with DC current. The user can set the LED currents through the serial port using three
current control registers, current_control_R/G/B, and use the external PWM control inputs to adjust LED
intensities if needed. There is an independent PWM control pin for each output. If PWM control is not used, the
PWMR, PWMG, and PWMR inputs must be tied to the VDDIO. All the functions implemented with the internal
PWM control are unavailable in manual mode (logarithmic brightness control from PWM Control register,
temperature compensation, fading, sequential mode).
7.4.2 Automatic Mode
In the automatic mode the LED intensities are controlled with the 12-bit PWM values obtained from the EEPROM
memory according to the temperature information. PWM values are stored at 16°C intervals for the
–40°C to +120°C temperature range, and the PWM values for the intermediate temperatures are linearly
interpolated.
When creating white light from a RGB LED, the intention is to program PWM values, which keep the individual
LED intensities constant in all temperatures. For possible other applications, other kind of PWM behavior can be
programmed. The variable parameter can be other than temperature if the sensor is changed to, for example, a
light sensor.
12-bit ADC is used for the measurements. The ADC has two inputs: S1_IN and S2_IN. The temperature
measurement result from the S1_IN input is converted to EEPROM address using the sensor calibration data
from EEPROM. This EEPROM address is then used to get the PWM values for each output. The second input
S2_IN can be used for example for ambient light measurement. The ADC data from selected input can be read
through the serial interface. Control bit <comp_sel> can be used to select which input is used for compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com