Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520 Datasheet(HTML) 5 Page - Texas Instruments

  LP5520 Datasheet HTML 1Page - Texas Instruments LP5520 Datasheet HTML 2Page - Texas Instruments LP5520 Datasheet HTML 3Page - Texas Instruments LP5520 Datasheet HTML 4Page - Texas Instruments LP5520 Datasheet HTML 5Page - Texas Instruments LP5520 Datasheet HTML 6Page - Texas Instruments LP5520 Datasheet HTML 7Page - Texas Instruments LP5520 Datasheet HTML 8Page - Texas Instruments LP5520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and maximum limits are specified by design, test or statistical analysis. Typical numbers represent the most likely norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
6.5 Electrical Characteristics
Unless otherwise noted typical limits are for TJ = 25°C, minimum and maximum limits apply over the operating ambient
temperature range (–30°C < TJ < +85°C), and specifications apply to the LP5520 Functional Block Diagram with: CVDDA/D =
100 nF, COUT = 2 × 4.7 µF, 25 V, CIN= 10 µF, 6.3 V, L1 = 4.7 µH.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Standby supply current
(VDDA + VDDD)
NSTBY = L, VDDIO ≥ 1.65 V
1.7
7
µA
NSTBY = L , VDDIO = 0 V
1
No-boost supply current
(VDDA + VDDD)
NSTBY = H,
EN_BOOST = L
0.9
mA
No-load supply current
(VDDA + VDDD)
NSTBY = H, EN_BOOST = H
AUTOLOAD = L
1.4
IVDDIO
VDDIO standby supply current
NSTBY = L
1
µA
VLDO
Internal LDO output voltage
VIN ≥ 2.9 V, TJ = 25°C
2.77
2.80
2.84
V
ILDO
Internal LDO output current
Current to external load
1
mA
(1)
Matching is the maximum difference from the average when all outputs are set to same current.
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 2 V.
6.6 RGB Driver Electrical Characteristics (ROUT, GOUT, BOUT Outputs)
Typical limits are for TJ = 25°C, minimum and maximum limits apply over the operating ambient temperature range
(–30°C < TJ < +85°C); over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
ROUT, GOUT, BOUT pin
leakage current
0.1
1
µA
IMAX
Maximum sink current
Outputs ROUT, GOUT, BOUT control = 255
(FFH)
60
mA
IR
Current accuracy of ROUT,
GOUT, and BOUT
Output current set to 20 mA
19
20
21
mA
–5%
5%
Output current set to 60 mA
54
60
66
mA
–10%
10%
IMATCH
Matching(1)
Between ROUT, GOUT, BOUT at 20 mA current
±0.2%
±2%
tPWM
PWM cycle time
Accuracy proportional to internal clock frequency
820
µs
ƒRGB
RGB switching frequency
<pwm_fast> = 0
1.22
kHz
<pwm_fast> = 1
19.52
VSAT
Saturation voltage(2)
I(LED) = 60 mA
550
mV
ƒMAX
External PWM maximum
frequency
I(LED) = 60 mA, TJ = 25°C
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com