Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 2Page - Texas Instruments LP5520 Datasheet HTML 3Page - Texas Instruments LP5520 Datasheet HTML 4Page - Texas Instruments LP5520 Datasheet HTML 5Page - Texas Instruments LP5520 Datasheet HTML 6Page - Texas Instruments LP5520 Datasheet HTML 7Page - Texas Instruments LP5520 Datasheet HTML 8Page - Texas Instruments LP5520 Datasheet HTML 9Page - Texas Instruments LP5520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
6.7 Logic Interface Characteristics
Typical limits are for TJ = 25°C, minimum and maximum limits apply over the operating ambient temperature range
(–30°C < TJ < +85°C); over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS SS, SI/A0, SCK/SCL, IFSEL, NRST, PWMR, PWMG, PWMB and BRC
VIL
Input low level
0.2 × VDDIO
V
VIH
Input high level
0.8 × VDDIO
V
II
Logic input current
−1
1
µA
ƒSCK/SLC
Clock frequency
I2C mode
0.4
MHz
SPI mode, VDDIO > 1.8 V
13
SPI mode, 1.65 V < VDDIO <
1.8 V
5
LOGIC INPUT NRST
VIL
Input low level
05
V
VIH
Input high level
1.2
V
II
Logic input current
–1
1
µA
tNRST
Reset pulse width
10
µs
LOGIC OUTPUT SO
VOL
Output low level
ISO = 3 mA
VDDIO > 1.8 V
0.3
0.5
V
ISO = 2 mA
1.65 V < VDDIO < 1.8 V
0.3
0.5
V
VOH
Output high level
ISO = –3 mA
VDDIO > 1.8 V
VDDIO − 0.5
VDDIO − 0.3
V
ISO = –2 mA
1.65 V < VDDIO < 1.8 V
VDDIO − 0.5
VDDIO − 0.3
V
IL
Output leakage current
VSO = 2.8 V
1
µA
LOGIC OUTPUT SDA
VOL
Output low level
ISDA = 3 mA
0.3
0.5
V
6.8 Magnetic Boost DC-DC Converter Electrical Characteristics
Typical limits are for TJ = 25°C, minimum and maximum limits apply over the operating ambient temperature range
(–30°C < TJ < +85°C); over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD
Maximum continuous load
current
2.9V = VIN, VOUT = 20 V
TJ = 25°C
70
mA
VOUT
Output voltage accuracy (FB pin)
2.9
≤ VIN ≤ 5.5 V, VOUT = 20 V
TJ = 25°C
–1.7%
1.7%
2.9
≤ VIN ≤ 5.5 V, VOUT = 20 V
–5%
5%
RDSON
Switch ON resistance
ISW = 0.5 A
0.3
Ω
ƒPWM
Frequency accuracy
TJ = 25°C
−6%
±3%
6%
–9%
9%
tPULSE
Switch pulse minimum width
no load
50
ns
tSTARTUP
Start-up time
20
ms
IMAX
SW pin current limit
1100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com