Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD6649EBZ Datasheet HTML 1Page - Analog Devices AD6649EBZ Datasheet HTML 2Page - Analog Devices AD6649EBZ Datasheet HTML 3Page - Analog Devices AD6649EBZ Datasheet HTML 4Page - Analog Devices AD6649EBZ Datasheet HTML 5Page - Analog Devices AD6649EBZ Datasheet HTML 6Page - Analog Devices AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD6649
Rev. C | Page 5 of 40
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input,1 1.75 V p-p full-scale input range,
DCS enabled, NCO enabled, FIR filter enabled, unless otherwise noted.
Table 2.
Parameter2
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 30 MHz
25°C
74.5
dBFS
fIN = 90 MHz
25°C
74.1
dBFS
fIN = 140 MHz
25°C
73.6
dBFS
fIN = 185 MHz
25°C
73.0
dBFS
Full
70.9
dBFS
fIN = 220 MHz
25°C
72.4
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
71.9
dBFS
fIN = 90 MHz
25°C
71.5
dBFS
fIN = 140 MHz
25°C
70.8
dBFS
fIN = 185 MHz
25°C
70.3
dBFS
Full
68.7
dBFS
fIN = 220 MHz
25°C
69.6
dBFS
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−92
dBc
fIN = 90 MHz
25°C
−88
dBc
fIN = 140 MHz
25°C
−85
dBc
fIN = 185 MHz
25°C
−85
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−89
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
92
dBc
fIN = 90 MHz
25°C
88
dBc
fIN = 140 MHz
25°C
85
dBc
fIN = 185 MHz
25°C
85
dBc
Full
80
fIN = 220 MHz
25°C
84
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 30 MHz
25°C
−95
dBc
fIN = 90 MHz
25°C
−94
dBc
fIN = 140 MHz
25°C
−93
dBc
fIN = 185 MHz
25°C
−93
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−84
dBc
TWO-TONE SFDR
fIN = 184.12 MHz, 187.12 MHz (−7 dBFS)
25°C
88
dBc
CROSSTALK4
Full
95
dB
ANALOG INPUT BANDWIDTH
25°C
1000
MHz
1
A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters
section for more details.
2
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
3
SNR specifications are for filtered 95 MHz bandwidth.
4
Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com