Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 10Page - Analog Devices AD6649EBZ Datasheet HTML 11Page - Analog Devices AD6649EBZ Datasheet HTML 12Page - Analog Devices AD6649EBZ Datasheet HTML 13Page - Analog Devices AD6649EBZ Datasheet HTML 14Page - Analog Devices AD6649EBZ Datasheet HTML 15Page - Analog Devices AD6649EBZ Datasheet HTML 16Page - Analog Devices AD6649EBZ Datasheet HTML 17Page - Analog Devices AD6649EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD6649
Data Sheet
Rev. C | Page 14 of 40
0
20
40
60
80
100
120
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 11. AD6649 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz
65
70
75
80
85
90
95
100
50
100
150
200
250
300
350
400
450
INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 12. AD6649 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 13. AD6649 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
–120
–100
–80
–60
–40
–20
0
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 14. AD6649 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
30
60
FREQUENCY (MHz)
20
40
70
50
80
90
100 110 120
250MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 88dBc (96.5dBFS)
Figure 15. AD6649 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz,
fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
250MSPS
184.12MHz @ –7.0dBFS
187.12MHz @ –7.0dBFS
SFDR = 85dBc (93.5dBFS)
0
10
30
60
FREQUENCY (MHz)
20
40
70
50
80
90
100 110 120
Figure 16. AD6649 Two-Tone FFT with fIN1 = 184.12 MHz,
fIN2 = 187.12 MHz, fS = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com