Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 3Page - Analog Devices AD6649EBZ Datasheet HTML 4Page - Analog Devices AD6649EBZ Datasheet HTML 5Page - Analog Devices AD6649EBZ Datasheet HTML 6Page - Analog Devices AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices AD6649EBZ Datasheet HTML 10Page - Analog Devices AD6649EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD6649
Rev. C | Page 7 of 40
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS (OEB, PDWN)3
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
45
70
µA
Low Level Input Current
Full
−5
+5
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
FDA and FDB
High Level Output Voltage
IOH = 50 µA
Full
1.79
V
IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
V
IOL = 50 µA
Full
0.05
V
LVDS Data and OR Outputs
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS),
ANSI Mode
Full
1.15
1.22
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS),
Reduced Swing Mode
Full
1.15
1.22
1.35
V
1
A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters
section for more details.
2
Pull-up.
3
Pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com