Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 18Page - Analog Devices AD6649EBZ Datasheet HTML 19Page - Analog Devices AD6649EBZ Datasheet HTML 20Page - Analog Devices AD6649EBZ Datasheet HTML 21Page - Analog Devices AD6649EBZ Datasheet HTML 22Page - Analog Devices AD6649EBZ Datasheet HTML 23Page - Analog Devices AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD6649
Data Sheet
Rev. C | Page 22 of 40
DIGITAL PROCESSING
The AD6649 includes a digital processing section that provides
filtering. This digital processing section includes a numerically
controlled oscillator (NCO), a selectable FIR filter (high perfor-
mance or low latency), and a second coarse NCO (fS/4 fixed
value) for output frequency translation (complex to real). These
blocks can be configured in several modes to implement a
signal processing function. Refer to Figure 1 for the functional
block diagram of the AD6649.
NUMERICALLY CONTROLLED OSCILLATOR (NCO)
Frequency translation is accomplished with an NCO shared
between the two channels. Amplitude and phase dither can be
enabled on chip to improve the noise and spurious performance
of the NCO.
Because the filtering prevents usage of part of the Nyquist
spectrum, a means is needed to translate the sampled input
spectrum into the usable range of the decimation filter. To
achieve this, a 32-bit, tuning, complex NCO is provided. This
NCO/mixer allows the input spectrum to be tuned to dc, where
it can be effectively filtered by the subsequent filter blocks to
prevent aliasing.
When using the low latency FIR, the NCO must be tuned to fS/4
(0x40000000). This prevents unwanted aliases from falling back
into the band of interest.
NCO AND FIR FILTER MODES
The NCO and FIR blocks can be used in two modes depending on
the bandwidth and latency requirement of the application. The two
modes of operation of these blocks are summarized in Table 11.
Table 11. Signal Path Modes
Mode
FIR
Output
Bandwidth at
245.76 MSPS
Fixed-Frequency NCO,
95 MHz FIR Filter
Low latency
(default)
95 MHz
Tunable-Frequency NCO,
100 MHz FIR Filter
High performance
99.5 MHz
Two fixed-coefficient FIR filters provide filtering capability. A
low latency FIR or a high performance FIR can be selected. It
removes the negative frequency images to avoid aliasing negative
frequencies for real outputs. Figure 38, Figure 39, and Figure 40
show the progression of a 95 MHz bandwidth signal through the
filter stages when using the fixed-frequency NCO and 95 MHz FIR
filter with a sample rate of 245.76 MSPS. The tunable-frequency
NCO can be used instead and operates in a similar fashion. In
these modes, the output is centered at 61.44 MHz, assuming a
245.76 MSPS sample rate.
fS/4 FIXED-FREQUENCY NCO
A fixed-frequency fS/4 NCO is provided to translate the filtered,
decimated signal from dc to fS/4 to allow a real output. The fS/4
NCO is required in all operation modes because complex
output from the part is not supported.
REAL ADC INPUT
122.88
61.44
108.94
13.94
0
–61.44
–108.94
–13.94
Figure 38. Example AD6649 Real 95 MHz Bandwidth Input Signal Centered at
61.44 MHz (fADC = 245.76 MHz)
COMPLEX ADC OUTPUT/NCO OUTPUT
–122.88
122.88
–75.38
75.38
–47.5
47.5
0
Figure 39. Example AD6649 95 MHz Bandwidth Input Signal Tuned to DC
Using the NCO (NCO Frequency = 61.44 MHz)
TUNED NCO OUTPUT
122.88
13.94
0
108.94
61.44
Figure 40. Example AD6649 95 MHz Bandwidth Output Signal Tuned to fS/4
(NCO Frequency = 61.44 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com