Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 39 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6674 Datasheet HTML 35Page - Analog Devices AD6674 Datasheet HTML 36Page - Analog Devices AD6674 Datasheet HTML 37Page - Analog Devices AD6674 Datasheet HTML 38Page - Analog Devices AD6674 Datasheet HTML 39Page - Analog Devices AD6674 Datasheet HTML 40Page - Analog Devices AD6674 Datasheet HTML 41Page - Analog Devices AD6674 Datasheet HTML 42Page - Analog Devices AD6674 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Data Sheet
AD6674
cos(wt)
0°
90°
I
Q
REAL
BANDWIDTH OF
INTEREST
BANDWIDTH OF
INTEREST IMAGE
DIGITAL FILTER
RESPONSE
DC
DC
ADC
SAMPLING
AT
fS
REAL
REAL
HALF-
BAND
FILTER
HB4 FIR
2
HALF-
BAND
FILTER
HB3 FIR
2
HALF-
BAND
FILTER
HB2 FIR
2
HALF-
BAND
FILTER
HB1 FIR
I
I
HALF-
BAND
FILTER
HB4 FIR
2
HALF-
BAND
FILTER
HB3 FIR
2
HALF-
BAND
FILTER
HB2 FIR
2
HALF-
BAND
FILTER
HB1 FIR
Q
Q
ADC
REAL INPUT—SAMPLED AT
fS
FILTERING STAGE
4 DIGITAL HALF-BAND FILTERS
(HB4 + HB3 + HB2 + HB1)
FREQUENCY TRANSLATION STAGE (OPTIONAL)
DIGITAL MIXER + NCO FOR
fS/3 TUNING, THE FREQUENCY
TUNING WORD = ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
NCO TUNES CENTER OF
BANDWIDTH OF INTEREST
TO BASEBAND
BANDWIDTH OF
INTEREST IMAGE
(–6dB LOSS DUE TO
NCO + MIXER)
BANDWIDTH OF INTEREST
(–6dB LOSS DUE TO
NCO + MIXER)
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
–sin(wt)
12-BIT
NCO
DC
DIGITAL FILTER
RESPONSE
DC
DC
I
Q
I
Q
2
2
I
Q
REAL/I
COMPLEX
TO
REAL
I
Q
GAIN STAGE (OPTIONAL)
0dB OR 6dB GAIN
COMPLEX (I/Q) OUTPUTS
DECIMATE BY 16
GAIN STAGE (OPTIONAL)
0dB OR 6dB GAIN
REAL (I) OUTPUTS
DECIMATE BY 8
COMPLEX TO REAL
CONVERSION STAGE (OPTIONAL)
fS/4 MIXING + COMPLEX FILTER TO REMOVE Q
–
fS/8
fS/16
fS/8
–
fS/16
–
fS/32
fS/32
–
fS/8
fS/16
fS/8
–
fS/16
–
fS/32
fS/32
fS/16
–
fS/16
–
fS/32
fS/32
6dB GAIN TO
COMPENSATE FOR
NCO + MIXER LOSS
6dB GAIN TO
COMPENSATE FOR
NCO + MIXER LOSS
DOWNSAMPLE BY 2
+6dB
+6dB
+6dB
+6dB
Figure 100. DDC Theory of Operation Example (Real Input, Decimate by 16)
Rev. B | Page 39 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com