Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 52 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6674 Datasheet HTML 48Page - Analog Devices AD6674 Datasheet HTML 49Page - Analog Devices AD6674 Datasheet HTML 50Page - Analog Devices AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices AD6674 Datasheet HTML 53Page - Analog Devices AD6674 Datasheet HTML 54Page - Analog Devices AD6674 Datasheet HTML 55Page - Analog Devices AD6674 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
AD6674
Data Sheet
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings2
Four DDCs
8
Real
Real
4.81% × fS
4
0x200 = 0x23 (four DDCs; I only selected)
0x201 = 0x03 (chip decimate by 8)
0x310, 0x330, 0x350, 0x370 = 0x4A (real mixer;
6 dB gain; variable IF; real output; HB4 + HB3 +
HB2 + HB1 filters)
0x311 = 0x00 (DDC 0 I input = ADC Channel A;
DDC 0 Q input = ADC Channel A)
0x331 = 0x00 (DDC 1 I input = ADC Channel A;
DDC 1 Q input = ADC Channel A)
0x351 = 0x05 (DDC 2 I input = ADC Channel B;
DDC 2 Q input = ADC Channel B)
0x371 = 0x05 (DDC 3 I input = ADC Channel B;
DDC 3 Q input = ADC Channel B)
0x314, 0x315, 0x320, 0x321 = FTW and POW set
as required by application for DDC 0
0x334, 0x335, 0x340, 0x341 = FTW and POW set
as required by application for DDC 1
0x354, 0x355, 0x360, 0x361 = FTW and POW set
as required by application for DDC 2
0x374, 0x375, 0x380, 0x381 = FTW and POW set
as required by application for DDC 3
Four DDCs
16
Real
Complex
4.81% × fS
8
0x200 = 0x03 (four DDCs; I/Q selected)
0x201 = 0x04 (chip decimate by 16)
0x310, 0x330, 0x350, 0x370 = 0x42 (real mixer; 6
dB gain; variable IF; complex output; HB4 + HB3
+ HB2 + HB1 filters)
0x311 = 0x00 (DDC 0 I input = ADC Channel A;
DDC 0 Q input = ADC Channel A)
0x331 = 0x00 (DDC 1 I input = ADC Channel A;
DDC 1 Q input = ADC Channel A)
0x351 = 0x05 (DDC 2 I input = ADC Channel B;
DDC 2 Q input = ADC Channel B)
0x371 = 0x05 (DDC 3 I input = ADC Channel B;
DDC 3 Q input = ADC Channel B)
0x314, 0x315, 0x320, 0x321 = FTW and POW set
as required by application for DDC 0.
0x334, 0x335, 0x040, 0x341 = FTW and POW set
as required by application for DDC 1
0x354, 0x355, 0x360, 0x361 = FTW and POW set
as required by application for DDC 2
0x374, 0x375, 0x380, 0x381 = FTW and POW set
as required by application for DDC 3
1
fS is the ADC sample rate. Bandwidths listed are <−0.001 dB of pass-band ripple and >100 dB of stop-band alias rejection.
2
The NCOs must be synchronized either through the SPI or through the SYSREF± pin after all writes to the FTW or POW registers have completed. This is necessary to
ensure the proper operation of the NCO. See the NCO Synchronization section for more information.
Rev. B | Page 52 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com