Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 49 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6674 Datasheet HTML 45Page - Analog Devices AD6674 Datasheet HTML 46Page - Analog Devices AD6674 Datasheet HTML 47Page - Analog Devices AD6674 Datasheet HTML 48Page - Analog Devices AD6674 Datasheet HTML 49Page - Analog Devices AD6674 Datasheet HTML 50Page - Analog Devices AD6674 Datasheet HTML 51Page - Analog Devices AD6674 Datasheet HTML 52Page - Analog Devices AD6674 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Data Sheet
AD6674
LOW-PASS
FILTER
2
I
Q
REAL
HB1 FIR
LOW-PASS
FILTER
2
HB1 FIR
0
1
COMPLEX TO
REAL ENABLE
Q
90°
0°
+
–
COMPLEX TO REAL CONVERSION
I
Q
I
Q
GAIN STAGE
cos(wt)
sin(wt)
fS/4
I/REAL
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
Figure 107. Complex to Real Conversion Block
DDC EXAMPLE CONFIGURATIONS
Table 23 describes the register settings for multiple DDC example configurations.
Table 23. DDC Example Configurations
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings2
One DDC
2
Complex
Complex
38.5% × fS
2
0x200 = 0x01 (one DDC; I/Q selected)
0x201 = 0x01 (chip decimate by 2)
0x310 = 0x83 (complex mixer; 0 dB gain;
variable IF; complex outputs; HB1 filter)
0x311 = 0x04 (DDC I input = ADC Channel A;
DDC Q input = ADC Channel B)
0x314, 0x315, 0x320, 0x321 = FTW and POW set
as required by application for DDC 0
One DDC
4
Complex
Complex
19.25% × fS
2
0x200 = 0x01 (one DDC; I/Q selected)
0x201 = 0x02 (chip decimate by 4)
0x310= 0x80 (complex mixer; 0 dB gain;
variable IF; complex outputs; HB2 + HB1 filters)
0x311= 0x04 (DDC I input = ADC Channel A;
DDC Q input = ADC Channel B)
0x314, 0x315= FTW and POW set as required by
application for DDC 0
Rev. B | Page 49 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com