Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6674 Datasheet HTML 15Page - Analog Devices AD6674 Datasheet HTML 16Page - Analog Devices AD6674 Datasheet HTML 17Page - Analog Devices AD6674 Datasheet HTML 18Page - Analog Devices AD6674 Datasheet HTML 19Page - Analog Devices AD6674 Datasheet HTML 20Page - Analog Devices AD6674 Datasheet HTML 21Page - Analog Devices AD6674 Datasheet HTML 22Page - Analog Devices AD6674 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
Data Sheet
AD6674
FREQUENCY (MHz)
–140
–120
–100
–80
–60
–40
–20
0
0
375
300
225
150
75
350
275
200
125
50
325
250
175
100
25
AIN1 AND AIN2 = −7dBFS
SFDR = 83dBFS
IMD2 = 89dBc
IMD3 = 83dBc
BUFFER CONTROL 1 = 4.5×
Figure 36. Two-Tone FFT; fIN1 = 338 MHz, fIN2 = 341 MHz
INPUT AMPLITUDE (dBFS)
–120
–100
–80
–60
–40
–20
0
–90 –84 –78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
SFDR (dBFS)
IMD3 (dBFS)
SFDR (dBc)
IMD3 (dBc)
Figure 37. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184 MHz and fIN2 = 187 MHz
–120
–100
–80
–60
–40
–20
0
SFDR (dBc)
IMD3 (dBc)
SFDR (dBFS)
IMD3 (dBFS)
INPUT AMPLITUDE (dBFS)
–90 –84 –78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
Figure 38. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 338 MHz and fIN2 = 341 MHz
0
20
40
60
80
100
120
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SNR (dBc)
SFDR (dBc)
Figure 39. SNR/SFDR vs. Input Amplitude (AIN), fIN = 170.3 MHz
TEMPERATURE (°C)
65
70
75
80
85
90
95
–40
85
60
35
10
–15
SNR
SFDR
Figure 40. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
500
550
600
650
SAMPLE RATE (MSPS)
700
750
800
850
Figure 41. Power Dissipation vs. Sample Rate (fS); L = 4, M = 2, F = 1 for
fS ≥ 625 MSPS and L= 2, M = 2, F = 2 for fS < 625 MSPS (Default SPI)
Rev. B | Page 19 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com