Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 4 Page - Analog Devices

  AD6676 Datasheet HTML 1Page - Analog Devices AD6676 Datasheet HTML 2Page - Analog Devices AD6676 Datasheet HTML 3Page - Analog Devices AD6676 Datasheet HTML 4Page - Analog Devices AD6676 Datasheet HTML 5Page - Analog Devices AD6676 Datasheet HTML 6Page - Analog Devices AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 4 of 90
The band-pass Σ-Δ ADC of the AD6676, which operates
between 2.0 GHz to 3.2 GHz, provides exceptional instantaneous
dynamic range and inherent antialiasing capability. Its in-band
frequency response typically maintains better than 1 dB pass
band flatness with out-of-band peaking better than 0.5 dB. An
integrated digital peak detector enables the instantaneous signal
power to be monitored over a wide band (shortly after digitization),
thus providing AGC capability to cope quickly with large in-band
or out-of-band blockers.
The AD6676 includes various AGC monitoring and control
features along with an internal 27 dB step attenuator in 1 dB
steps. A flexible AGC port with digital input/output pins allows
fast control of the AD6676 on-chip step attenuator and/or
updates on the input signal via status flags. These features,
along with the high instantaneous dynamic range, can
significantly simplify AGC implementation compared to
traditional narrow-band IF approaches that often require
separate AGC capability for RF and IF protection.
In addition to reducing system complexity, the AD6676 enables
significant space and power consumption savings for next
generation multiple input/multiple output (MIMO) receiver
architectures. The AD6676 is available in an 8 × 10 ball array
WLCSP package that is approximately 4.3 mm × 5.0 mm, with
a JESD204B serial interface that allows simple interfacing to the
host processor.
Its low power consumption of 1.2 W compares favorably to IF
sampling ADCs with similar bandwidth (BW) and dynamic
range capabilities even without considering the added power
savings from the elimination of an entire IF strip. The AD6676
features multichip synchronization that allows synchronization
to within a fraction of an output data sample. For time-domain
duplex (TDD) applications, the AD6676 features a fast power-
up/power-down mode that further reduces power consumption
while still maintaining multichip synchronization. Power
savings of up to 60% or 42% is achievable with recovery times of
11.5 µs or 2.5 µs, depending on the device configuration.
Auxiliary blocks include an on-chip PLL clock multiplier to
generate the Σ-Δ ADC clock. For applications that require
better phase noise performance, an external differential RF
clock source may also be used. The SPI port programs numerous
parameters of the AD6676, allowing the device to be optimized
for a variety of applications.
The AD6676 is available in an 80-ball WLCSP package with an
optimized pinout that enables low cost printed circuit board
(PCB) manufacturing. The device operates from a 1.1 V and
2.5 V supply with a total typical power consumption of 1.2 W at
3.2 GSPS operation. This product is protected by several United
States patents. Contact Analog Devices, Inc., for further
information.
PRODUCT HIGHLIGHTS
1. Industry leading dynamic range enables high performance,
reconfigurable heterodyne (or direct sampling VHF)
software defined radios with high AGC-free range.
2. Continuous time, band-pass Σ-Δ ADC supports IFs from
70 MHz to 450 MHz with IF signal bandwidths of up to
160 MHz and reduces IF filtering requirements.
3. The high instantaneous dynamic range and oversampling
nature of the Σ-Δ ADC significantly reduces the IF filter
complexity.
4. On-chip 27 dB digital attenuator with easy to drive resistive
input simplifies interface to RF/IF components.
5. Small 4.3 mm × 5.0 mm package, simple interface, and
integrated digital attenuator and clock synthesizer save
PCB space.
6. Low input full-scale level of −2 dBm (or less) enables 3.3 V
RF/IF component lineups at reduced P1dB and power.
7. Fast power saving mode supports TDD protocols.
8. Unique profile mode allows the AD6676 to switch between
up to four different ADC IF/BW configurations in 1 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com