Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6676 Datasheet HTML 15Page - Analog Devices AD6676 Datasheet HTML 16Page - Analog Devices AD6676 Datasheet HTML 17Page - Analog Devices AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices AD6676 Datasheet HTML 20Page - Analog Devices AD6676 Datasheet HTML 21Page - Analog Devices AD6676 Datasheet HTML 22Page - Analog Devices AD6676 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 19 of 90
NOMINAL PERFORMANCE FOR IF = 350 MHZ AND BW = 160 MHZ
FIF = 350 MHz, BW = 160 MHz, FADC = 3.2 GHz, attenuator = 0 dB, LEXT = 10 nH, maximum PIN_0dBFS setting, fDATA_IQ = 266.7 MSPS,
shuffler enabled (every clock cycle), with default threshold settings, unless otherwise noted.
1.00
0.75
0.50
0.25
–0.50
–0.25
0
270
290
310
330
350
370
390
410
430
FREQUENCY (MHz)
Figure 46. IF Pass Band Flatness (Includes Digital Filter)
–140
–142
–144
–146
–148
–150
–152
–154
–156
270
290
310
330
350
370
390
410
430
INPUT FREQUENCY (MHz)
NSD
(–1 dBFS SIGNAL)
NSD
(NO SIGNAL)
Figure 47. NSD With and Without Full-Scale CW at 355 MHz
0
–120
–100
–80
–60
–40
–20
260
280
300
320
340
360
380
400
440
420
INPUT FREQUENCY (MHz)
–1 dBFS
AT 431MHz
NBW = 12.2kHz
IF PASS BAND REGION
Figure 48. Spectral Plot of IF Pass Band Region with −1 dBFS CW at 431 MHz
5
–35
–30
–25
–20
–15
–10
–5
0
0
1000
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
Figure 49. Wideband Frequency Response (Before Digital Filter)
–140
–142
–144
–146
–148
–150
–152
–154
–156
–44
–3
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.3dBm
310MHz
400MHz
350MHz
Figure 50. NSD vs. CW Input Power, CW at 355 MHz
(NSD Measured at 350 MHz as well as 350 MHz and 400 MHz Band Edges)
–60
–61
–62
–63
–64
–65
–66
–67
–68
–69
–70
–45
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–39
–42
INPUT POWER (dBm)
PIN_0dBFS = –2.3dBm
Figure 51. IBN in IF Pass Band Region (BW = 160 MHz) vs. Swept Single Tone
Input Power with CW at 431 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com