Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices AD6676 Datasheet HTML 10Page - Analog Devices AD6676 Datasheet HTML 11Page - Analog Devices AD6676 Datasheet HTML 12Page - Analog Devices AD6676 Datasheet HTML 13Page - Analog Devices AD6676 Datasheet HTML 14Page - Analog Devices AD6676 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 11 of 90
Pin No.
Mnemonic
Description
Power Supplies
G8
VDDIO
Digital Supply Input for CMOS Input/Outputs (1.8 V to 2.5 V).
J1, J2
VDDHSI
Digital 1.1 V Supply Input for the High Speed Serial Interface.
H3 to H5, J3 to J5
VDDD
Digital 1.1 V Supply Input.
F4, F5, G2 to G5, H2
VSSD
Digital Supply Return.
A1
VDDQ
Analog 1.1 V Supply Input for the CLK Synthesizer Charge Pump and Dividers.
C2, D1, D2
VDDC
Analog 1.1 V Supply Input for the CLK Synthesizer VCO.
D4, D5
VDDL
Analog 1.1 V Supply Input for the ADC.
A2, A4, B2, B3, B5, C3, C4,
C6, D3, D7
VDD1
Analog 1.1 V Supply Input for the ADC.
A5, B6, B7, E7, E8
VDD2
Analog 2.5 V Supply Input.
A3, A8, B4, C5, C7, D6,
D8, E1 to E6, F1 to F3,
F8
VSSA
Analog Supply Return.
Negative Voltage Regulator
F7
VDD2NV
Analog 2.5 V Supply Input.
G7
VSS2OUT
Internal −2.0 V Supply Output. Connect this pin to VSS2IN.
F6
VSS2IN
Analog −2.0 V Supply Input. Connect this pin to VSS2OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com