Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6676 Datasheet HTML 5Page - Analog Devices AD6676 Datasheet HTML 6Page - Analog Devices AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices AD6676 Datasheet HTML 10Page - Analog Devices AD6676 Datasheet HTML 11Page - Analog Devices AD6676 Datasheet HTML 12Page - Analog Devices AD6676 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 9 of 90
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD1, VDDC, VDDL, VDDQ to VSSA
−0.2 V to +1.2 V
VDD2 to VSSA
−0.3 V to +3.0 V
VDD2NV to VSSA
−0.3 V to +3.0 V
VSS2IN, VSS2OUT to VSSA
−2.5 V to +0.3 V
VDDD, VDDHSI to VSSD
−0.2 V to +1.2 V
VDDIO to VSSD
−0.3 V to +3.0 V
VIN+, VIN− to VSSA
−0.3 V to VDD2 + 0.3 V
L+, L− to VSSA
−0.3 V to VDD2 + 0.3 V
CLK+, CLK− to VSSA
−0.3 V to VDDC + 0.3 V
SYSREF+, SYSREF−, SERDOUT0+,
SERDOUT0−, SERDOUT1+,
SERDOUT1− to VSSD
−0.3 V to VDDHSI + 0.3 V
SYNCINB+, SYNCINB− to VSSD
−0.3 V to VDDIO + 0.3 V
CSB, SDO, SDIO, SCLK, RESETB, AGC1,
AGC2, AGC3, AGC4 to VSSD
−0.3 V to VDDIO + 0.3 V
Normal Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
Under Bias
125°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Typical θJA is specified for a 4-layer printed circuit board (PCB)
with a solid ground plane in conformance to JESD51-9 2s2p. In
addition, metal in direct contact with the package leads from
metal traces, through holes, ground, and power planes reduces
the value of θJA.
Table 5. Thermal Resistance
Package Type
θ
JA
θ
JC
θ
JB
Unit
4.3 mm × 5.0 mm WLCSP
26
0.2
4.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com