Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243B Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3243B
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243B Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3243B Datasheet HTML 7Page - Sipex Corporation SP3243B Datasheet HTML 8Page - Sipex Corporation SP3243B Datasheet HTML 9Page - Sipex Corporation SP3243B Datasheet HTML 10Page - Sipex Corporation SP3243B Datasheet HTML 11Page - Sipex Corporation SP3243B Datasheet HTML 12Page - Sipex Corporation SP3243B Datasheet HTML 13Page - Sipex Corporation SP3243B Datasheet HTML 14Page - Sipex Corporation SP3243B Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Rev. 6/30/03
SP3223B/3243B +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
The SP3223B and SP3243B drivers can main-
tain high data rates up to 250kbps fully loaded.
Figure 17. shows a loopback test circuit used to
test the SP3243B RS-232 Drivers. Figure 18
shows the test results of the loopback circuit with
all three drivers active at 120kbps with typical
RS-232 loads in parallel with 1000pF capacitors.
Figure 19 shows the test results where one driver
Table 2. SHUTDOWN and EN Truth Tables
Note: In AUTO ON-LINE® Mode where ONLINE =
GND and SHUTDOWN = V
CC, the device will shut down
if there is no activity present at the Receiver inputs.
Figure 17. Loopback Test Circuit for RS-232 Driver
Data Transmission Rates
was active at 250kbps and all three drivers loaded
with an RS-232 receiver in parallel with a 1000pF
capacitor. A solid RS-232 data transmission
rate of 250kbps provides compatibility with many
designs in personal computer peripherals and
LAN applications.
Receivers
The receivers convert
±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels. All
receivers have an inverting output that can be
disabled by using the EN pin.
Figure 18. Loopback Test Circuit All Drivers at 120kbps
Figure 19. Loopback Test Circuit One Driver at 250kbps
SP3223B
SP3243B
GND
T
1IN
T
XIN
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
5kΩ
R
1OUT
5kΩ
R
XIN
R
XOUT
TTL/CMOS
OUTPUTS
EN
ONLINE
R
1IN
T
XOUT
T
1OUT
STATUS
VCC
To µP Supervisor
Circuit
1000pF
1000pF
DEVICE: SP3223B
SHUTDOWN
EN
TXOUT
RXOUT
00
High Z
Active
01
High Z
High Z
10
Active
Active
11
Active
High Z
DEVICE: SP3243B
SHUTDOWN
TXOUT
RXOUT
R2OUT
0
High Z
High Z
Active
1
Active
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com