Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243B Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3243B
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243B Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3243B Datasheet HTML 13Page - Sipex Corporation SP3243B Datasheet HTML 14Page - Sipex Corporation SP3243B Datasheet HTML 15Page - Sipex Corporation SP3243B Datasheet HTML 16Page - Sipex Corporation SP3243B Datasheet HTML 17Page - Sipex Corporation SP3243B Datasheet HTML 18Page - Sipex Corporation SP3243B Datasheet HTML 19Page - Sipex Corporation SP3243B Datasheet HTML 20Page - Sipex Corporation SP3243B Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Rev. 6/30/03
SP3223B/3243B +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
AUTO ON-LINE® Circuitry
The SP3223B and SP3243B devices have a
patent pending AUTO ON-LINE® circuitry on
board that saves power in applications such as
laptop computers, palmtop (PDA) computers,
and other portable systems.
The SP3223B and SP3243B devices incorporate
an AUTO ON-LINE® circuit that automatically
enables itself when the external transmitters are
enabled and the cable is connected. Conversely,
the AUTO ON-LINE® circuit also disables most
of the internal circuitry when the device is not
being used and goes into a standby mode where
the device typically draws 1
µA. This function
can also be externally controlled by the ONLINE
pin. When this pin is tied to a logic LOW, the
AUTO ON-LINE® function is active.
Once
active, the device is enabled until there is no
activity on the receiver inputs. The receiver
input typically sees at least
±3V, which are
generated from the transmitters at the other end
of the cable with a
±5V minimum. When the
external transmitters are disabled or the cable is
disconnected, the receiver inputs will be pulled
down by their internal 5k
Ω resistors to ground.
When this occurs over a period of time, the
internal transmitters will be disabled and the
device goes into a shutdown or standby mode.
When ONLINE is HIGH, the AUTO ON-LINE®
mode is disabled.
The AUTO ON-LINE® circuit has two stages:
1) Inactive Detection
2) Accumulated Delay
The first stage, shown in Figure 28, detects an
inactive input. A logic HIGH is asserted on
RXINACT if the cable is disconnected or the
external transmitters are disabled. Otherwise,
RXINACT will be at a logic LOW. This circuit is
duplicated for each of the other receivers.
The second stage of the AUTO ON-LINE® cir-
cuitry, shown in Figure 29, processes all the
receiver's RXINACT signals with an accumu-
lated delay that disables the device to a 1
µA
supply current.
The STATUS pin goes to a logic LOW when the
cable is disconnected, the external transmitters
are disabled, or the SHUTDOWN pin is
invoked. The typical accumulated delay is
around 20
µs.
When the SP3223B and SP3243B drivers or
internal charge pump are disabled, the supply
current is reduced to 1
µA. This can commonly
occur in hand-held or portable applications where
the RS-232 cable is disconnected or the RS-232
drivers of the connected peripheral are turned off.
The AUTO ON-LINE® mode can be disabled by
the SHUTDOWN pin. If this pin is a logic LOW,
the AUTO ON-LINE® function will not operate
regardless of the logic state of the ONLINE pin.
Table 3 summarizes the logic of the AUTO ON-
LINE® operating modes. The truth table logic of
the SP3223B and SP3243B driver and receiver
outputs can be found in Table 2.
The STATUS pin outputs a logic LOW signal
if the device is shutdown. This pin goes to a
logic HIGH when the external transmitters are
enabled and the cable is connected.
When the SP3223B and SP3243B devices
are shut down, the charge pumps are turned off.
V+ charge pump output decays to VCC, the
V- output decays to GND. The decay time will
depend on the size of capacitors used for the
charge pump.
Once in shutdown, the time
required to exit the shut down state and have
valid V+ and V- levels is typically 200
µs.
For easy programming, the STATUS can be
used to indicate DTR or a Ring Indicator signal.
Tying ONLINE and SHUTDOWN together
will bypass the AUTO ON-LINE® circuitry so
this connection acts like a shutdown input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com