Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243B Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3243B
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243B Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3243B Datasheet HTML 2Page - Sipex Corporation SP3243B Datasheet HTML 3Page - Sipex Corporation SP3243B Datasheet HTML 4Page - Sipex Corporation SP3243B Datasheet HTML 5Page - Sipex Corporation SP3243B Datasheet HTML 6Page - Sipex Corporation SP3243B Datasheet HTML 7Page - Sipex Corporation SP3243B Datasheet HTML 8Page - Sipex Corporation SP3243B Datasheet HTML 9Page - Sipex Corporation SP3243B Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Rev. 6/30/03
SP3223B/3243B +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
6
Table 1. Device Pin Description
PIN NUMBER
SP3243B
SOIC, SSOP,
SP3243BCR
NAME
FUNCTION
SP3223B
TSSOP
MLPQ
EN
Receiver Enable. Apply logic LOW for normal operation.
1
-
-
Apply logic HIGH to disable the receiver outputs (high-Z state).
C1+
Positive terminal of the voltage doubler charge-pump capacitor.
2
28
28
V+
Regulated +5.5V output generated by the charge pump.
3
27
26
C1-
Negative terminal of the voltage doubler charge-pump capacitor.
4
24
22
C2+
Positive terminal of the inverting charge-pump capacitor.
5
1
29
C2-
Negative terminal of the inverting charge-pump capacitor.
6
2
31
V-
Regulated -5.5V output generated by the charge pump.
7
3
32
R
1IN
RS-232 receiver input.
16
4
2
R
2IN
RS-232 receiver input.
9
5
3
R
3IN
RS-232 receiver input.
-
6
4
R
4IN
RS-232 receiver input.
-
7
5
R
5IN
RS-232 receiver input.
-
8
6
R
1OUT
TTL/CMOS receiver output.
15
19
17
R
2OUT
TTL/CMOS receiver output.
10
18
16
R
2OUT
Non-inverting receiver-2 output, active in shutdown.
-
20
18
R
3OUT
TTL/CMOS receiver output.
-
17
15
R
4OUT
TTL/CMOS receiver output.
-
16
14
R
5OUT
TTL/CMOS receiver output.
-
15
13
STATUS
TTL/CMOS Output indicating online and shutdown status.
11
21
19
T
1IN
TTL/CMOS driver input.
13
14
12
T
2IN
TTL/CMOS driver input.
12
13
11
T
3IN
TTL/CMOS driver input.
-
12
10
ONLINE
Apply logic HIGH to override Auto-Online circuitry keeping
14
23
21
drivers active (SHUTDOWN must also be logic HIGH,
refer to Table 2).
T
1OUT
RS-232 driver output.
17
9
7
T
2OUT
RS-232 driver output.
8
10
8
T
3OUT
RS-232 driver output.
-
11
9
GND
Ground.
18
25
23
V
CC
+3.0V to +5.5V supply voltage.
19
26
25
SHUTDOWN Apply logic LOW to shut down drivers and charge pump.
20
22
20
This overrides all AUTO ON-LINE® circuitry and ONLINE
(refer to Table 2).
NC
No Connection
-
-
1,24,27,30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com