Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243B Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3243B
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243B Datasheet(HTML) 3 Page - Sipex Corporation

  SP3243B Datasheet HTML 1Page - Sipex Corporation SP3243B Datasheet HTML 2Page - Sipex Corporation SP3243B Datasheet HTML 3Page - Sipex Corporation SP3243B Datasheet HTML 4Page - Sipex Corporation SP3243B Datasheet HTML 5Page - Sipex Corporation SP3243B Datasheet HTML 6Page - Sipex Corporation SP3243B Datasheet HTML 7Page - Sipex Corporation SP3243B Datasheet HTML 8Page - Sipex Corporation SP3243B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Rev. 6/30/03
SP3223B/3243B +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - 4 = 0.1
µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
RECEIVER INPUTS
Input Voltage Range
-25
25
V
Input Threshold LOW
0.6
1.2
V
VCC = 3.3V
Input Threshold LOW
0.8
1.5
V
VCC = 5.0V
Input Threshold HIGH
1.5
2.4
V
VCC = 3.3V
Input Threshold HIGH
1.8
2.4
V
VCC = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
AUTO ON-LINE® CIRCUITRY CHARACTERISTICS (ONLINE = GND, SHUTDOWN = VCC)
STATUS Output Voltage LOW
0.4
V
IOUT = 1.6mA
STATUS Output Voltage HIGH
VCC - 0.6
V
IOUT = -1.0mA
Receiver Threshold to Drivers
Enabled (tONLINE)
200
µs
Figure 20
Receiver Positive or Negative
0.5
µs
Figure 20
Threshold to STATUS HIGH
(tSTSH)
Receiver Positive or Negative
20
µs
Figure 20
Threshold to STATUS LOW
(tSTSL)
TIMING CHARACTERISTICS
Maximum Data Rate
250
kbps
RL = 3KΩ, CL = 1000pF,
one driver active
Receiver Propagation Delay
tPHL
0.15
µs
Receiver input to Receiver output,
tPLH
0.15
CL = 150pF
Receiver Output Enable Time
200
ns
Normal operation
Receiver Output Disable Time
200
ns
Normal operation
Driver Skew
100
ns
| tPHL - tPLH |, TAMB = 25°C
Receiver Skew
50
ns
| tPHL - tPLH |
Transition-Region Slew Rate
30
V/µsVCC= 3.3V, RL = 3KΩ, TAMB = 25°C,
measurements taken from -3.0V to
+3.0V or +3.0V to -3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com